Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-3R3LSF Datasheet(PDF) 101 Page - NEC

Part # PI-3R3LSF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-3R3LSF Datasheet(HTML) 101 Page - NEC

Back Button PI-3R3LSF Datasheet HTML 96Page - NEC PI-3R3LSF Datasheet HTML 97Page - NEC PI-3R3LSF Datasheet HTML 98Page - NEC PI-3R3LSF Datasheet HTML 99Page - NEC PI-3R3LSF Datasheet HTML 100Page - NEC PI-3R3LSF Datasheet HTML 101Page - NEC PI-3R3LSF Datasheet HTML 102Page - NEC PI-3R3LSF Datasheet HTML 103Page - NEC PI-3R3LSF Datasheet HTML 104Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
Power Inductors VOL.10
101
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
0
4
26
8
10
12
14
16
20
18
22
0
10
20
30
40
50
SBCP-14HY1R2B
SBCP-14HY3R3B
SBCP-14HY100B
SBCP-14HY330B
Idc (A)
0
1
0.5
1.5
3
2.5
2
3.5
4
0
50
150
100
250
200
350
300
450
400
550
500
Idc (A)
0
0.20
0.40
0.60
0.80
1.00
1.20
0
4000
2000
6000
8000
10000
12000
Idc (A)
SBCP-14HY101B
SBCP-14HY471B
SBCP-14HY391B
SBCP-14HY331B
SBCP-14HY151B
SBCP-14HY103B
SBCP-14HY682B
SBCP-14HY472B
SBCP-14HY332B
SBCP-14HY222B
SBCP-14HY102B
DC-Superposed Characteristics
Shape and Dimensions
Numbering System
SBCP - 14HY
100 B
① Series
Core size : Outer size x height(φ11×14)
Inductance:
Packaging type:[B] indicates bulk type.
②
③
10×100=10(μH)
④
[mm]
Measuring instrument : HP4284A(10kHz
、1mA)
Measuring instrument : HP4284A(10kHz
、1mA)
Measuring instrument : HP4284A(10kHz
、1mA)
5.0±0.5
ø
12 max.
*Lead: hard copper wire (ø0.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com