Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-121LMF Datasheet(PDF) 57 Page - NEC

Part # PI-121LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-121LMF Datasheet(HTML) 57 Page - NEC

Back Button PI-121LMF Datasheet HTML 53Page - NEC PI-121LMF Datasheet HTML 54Page - NEC PI-121LMF Datasheet HTML 55Page - NEC PI-121LMF Datasheet HTML 56Page - NEC PI-121LMF Datasheet HTML 57Page - NEC PI-121LMF Datasheet HTML 58Page - NEC PI-121LMF Datasheet HTML 59Page - NEC PI-121LMF Datasheet HTML 60Page - NEC PI-121LMF Datasheet HTML 61Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 104 page
background image
Power Inductors VOL.10
57
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
10
50
100
500
1K
5K
1
5
10
50
100
500
1010
1006A
2005
20R8
Frequency (MHz)
0523
Impedance vs. Frequency
R1.0
Spec.
Lot No.
0.5 max.
0.5 max.
9.0
±0.2
7.0
±0.2
3.0
±0.2
Shape and Dimensions
[mm]
6.0
14~16
5.0
Recommended Land Pattern
[mm]
・ Precautions (see page 82)
SN-S3M-0523T
0.5
23.0 min.
350
−20~+85
SN-S3M-1010T
1.0
10
±20%
80
−20~+85
SN-S3M-1006AT
1.0
6.0 min.
80
−20~+85
Taping (1000 pcs./ reel)
SN-S3M-2005T
2.0
5.0 min.
40
−20~+85
SN-S3M-20R8T
2.0
0.8 min.
20
−20~+85
Operation temperature range
Packaging
(℃)
Model
Inductance
(μH)
DC resistance
(mΩ)max.
Rated current
(A)
SN-S3M Series
[RoHS Compliant]
SN-S3M Series
[RoHS Compliant]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com