Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-121LMF Datasheet(PDF) 87 Page - NEC

Part # PI-121LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-121LMF Datasheet(HTML) 87 Page - NEC

Back Button PI-121LMF Datasheet HTML 83Page - NEC PI-121LMF Datasheet HTML 84Page - NEC PI-121LMF Datasheet HTML 85Page - NEC PI-121LMF Datasheet HTML 86Page - NEC PI-121LMF Datasheet HTML 87Page - NEC PI-121LMF Datasheet HTML 88Page - NEC PI-121LMF Datasheet HTML 89Page - NEC PI-121LMF Datasheet HTML 90Page - NEC PI-121LMF Datasheet HTML 91Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 104 page
background image
Power Inductors VOL.10
87
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
●SBC3Series(SBC3-□□□-○○○)
○
○
○
○
○
○
○
○
○
○
○
○
○
○
SBC3-1R2-752
SBC3-1R5-632
SBC3-2R2-602
SBC3-3R3-472
SBC3-4R7-422
SBC3-6R8-392
SBC3-100-362
SBC3-150-232
SBC3-220-202
SBC3-330-172
SBC3-470-142
SBC3-680-112
SBC3-101-961
SBC3-151-791
SBC3-221-681
SBC3-331-551
SBC3-471-491
SBC3-681-361
SBC3-102-281
SBC3-152-251
SBC3-222-191
SBC3-332-151
SBC3-472-121
SBC3-682-111
1.2± 20%
1.5± 20%
2.2± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
1500± 10%
2200± 10%
3300± 10%
4700± 10%
6800± 10%
0.01
0.01
0.02
0.02
0.02
0.03
0.03
0.05
0.06
0.09
0.12
0.19
0.26
0.36
0.49
0.72
1.02
1.62
2.37
3.64
5.62
7.66
11.40
14.50
7.50
6.30
6.00
4.70
4.20
3.90
3.60
2.30
2.00
1.70
1.40
1.10
0.96
0.79
0.68
0.55
0.49
0.36
0.28
0.25
0.19
0.15
0.12
0.11
10.50
8.80
8.40
6.50
5.80
5.40
5.00
3.20
2.80
2.30
1.90
1.50
1.30
1.10
0.95
0.77
0.68
0.50
0.39
0.35
0.26
0.21
0.16
0.15
9.80
8.30
7.20
5.60
4.60
4.00
3.00
2.60
2.10
1.80
1.40
1.20
1.00
0.81
0.67
0.53
0.46
0.38
0.31
0.26
0.21
0.17
0.14
0.12
○
○
○
○
○
○
○
○
○
○
●SBC4Series(SBC4-□□□-○○○)
○
○
○
○
○
○
○
○
○
○
○
○
○
○
SBC4-1R0-742
SBC4-1R5-712
SBC4-2R7-662
SBC4-3R3-642
SBC4-4R7-582
SBC4-6R8-452
SBC4-100-292
SBC4-150-232
SBC4-220-202
SBC4-330-182
SBC4-470-162
SBC4-680-122
SBC4-101-102
SBC4-151-861
SBC4-221-721
SBC4-331-591
SBC4-471-491
SBC4-681-431
SBC4-102-291
SBC4-152-221
SBC4-222-211
SBC4-332-161
SBC4-472-141
SBC4-682-111
SBC4-103-111
1.0± 20%
1.5± 20%
2.7± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
1500± 10%
2200± 10%
3300± 10%
4700± 10%
6800± 10%
10000± 10%
0.01
0.01
0.02
0.02
0.02
0.03
0.04
0.06
0.07
0.09
0.11
0.19
0.26
0.36
0.47
0.67
0.95
1.32
2.15
3.24
4.97
7.69
9.78
15.00
19.50
7.40
7.10
6.60
6.40
5.80
4.50
2.90
2.30
2.00
1.80
1.60
1.20
1.00
0.86
0.72
0.59
0.49
0.43
0.29
0.22
0.21
0.16
0.14
0.11
0.11
10.30
9.90
9.20
8.90
8.10
6.30
4.00
3.20
2.80
2.50
2.20
1.60
1.40
1.20
1.00
0.82
0.68
0.60
0.40
0.30
0.29
0.22
0.19
0.15
0.15
14.90
12.60
9.60
8.60
7.10
5.60
4.60
4.00
3.20
2.60
2.10
1.80
1.50
1.20
1.00
0.81
0.68
0.57
0.47
0.38
0.32
0.26
0.21
0.18
0.14
○
○
○
○
○
○
○
○
○
○
○
Package: Bulk 4,000pcs/box
Package: Soft lead・bulk 3,000pcs/box
      Pin lead・bulk 4,000pcs/box
DC resistance
(Ω)
max.
Rated current
(A)
ΔT=20˚C
Inductance
L (μH)
at 10 kHz, 1mA
Current (Reference value)
(A)
ΔT=40˚C
L change rate–10%
Terminal
Soft lead
Pin lead
Model
DC resistance
(Ω)
max.
Rated current
(A)
ΔT=20˚C
Inductance
L (μH)
at 10 kHz, 1mA
Current (Reference value)
(A)
ΔT=40˚C
L change rate–10%
Terminal
Soft lead
Pin lead
Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com