Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-121LMF Datasheet(PDF) 69 Page - NEC

Part # PI-121LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-121LMF Datasheet(HTML) 69 Page - NEC

Back Button PI-121LMF Datasheet HTML 65Page - NEC PI-121LMF Datasheet HTML 66Page - NEC PI-121LMF Datasheet HTML 67Page - NEC PI-121LMF Datasheet HTML 68Page - NEC PI-121LMF Datasheet HTML 69Page - NEC PI-121LMF Datasheet HTML 70Page - NEC PI-121LMF Datasheet HTML 71Page - NEC PI-121LMF Datasheet HTML 72Page - NEC PI-121LMF Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
Power Inductors VOL.10
69
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
12.5 max.
2.9
±0.3
2.9
±0.3
5.5 min.
4.0 max.
13.5
5.0
6.3
12.1
Recommended Land Pattern
[mm]
[mm]
Shape and Dimensions
land
terminal
5.10
4.60
4.30
3.90
3.50
2.90
2.40
1.90
1.60
1.40
1.10
0.90
0.75
0.60
0.50
0.40
0.35
0.017
0.023
0.026
0.033
0.039
0.060
0.075
0.12
0.18
0.24
0.30
0.50
0.74
1.1
1.6
2.5
3.7
H
・DI-1240-2R2
2.2
±25%
H
・DI-1240-3R3
3.3
±25%
H
・DI-1240-4R7
4.7
±25%
H
・DI-1240-6R8
6.8
±25%
H
・DI-1240-100
10
±25%
H
・DI-1240-150
15
±25%
H
・DI-1240-220
22
±25%
H
・DI-1240-330
33
±25%
H
・DI-1240-470
47
±20%
H
・DI-1240-680
68
±20%
H
・DI-1240-101
100
±20%
H
・DI-1240-151
150
±20%
H
・DI-1240-221
220
±20%
H
・DI-1240-331
330
±20%
H
・DI-1240-471
470
±20%
H
・DI-1240-681
680
±20%
H
・DI-1240-102
1000
±20%
●H・DI-1240 Series
●Operating temperature range: −20 to +105℃ (Including self-temperature rise)
Model
Inductance
at 10kHz,1mA
(μH)
DC resistance
(Ω)max.
Rated current
(A)
Leadless Power Inductors
H
・DI-1240 Series
[RoHS Compliant]
Leadless Power Inductors
H
・DI-1240 Series
[RoHS Compliant]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com