Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-06-R-25 Datasheet(PDF) 17 Page - NEC

Part # B-06-R-25
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-06-R-25 Datasheet(HTML) 17 Page - NEC

Back Button B-06-R-25 Datasheet HTML 13Page - NEC B-06-R-25 Datasheet HTML 14Page - NEC B-06-R-25 Datasheet HTML 15Page - NEC B-06-R-25 Datasheet HTML 16Page - NEC B-06-R-25 Datasheet HTML 17Page - NEC B-06-R-25 Datasheet HTML 18Page - NEC B-06-R-25 Datasheet HTML 19Page - NEC B-06-R-25 Datasheet HTML 20Page - NEC B-06-R-25 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
17
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
DIP Type
Common Mode Signal Line
DIP Noise Filters
D-37C, 40C, 42C, 45C, 47C
[RoHS Compliant]
DIP Noise Filters
D-37C, 40C, 42C, 45C, 47C
[RoHS Compliant]
28 max.
ø0.5
a a aaa aa aa
(a=2.5±0.25)
9.0 max.
(22.5)
5.0±0.25
bD-37C
bD-40C, 42C, 45C, 47C
2.54±0.3
Lot No.
2.54 (n-I)=R
L
ø0.5
7.62
10.5 max.
Shape and Dimensions
D-37C
1 core
20P/10 circuits
50
300
200
–20 to +70
Common mode
D-40C
1 core
6P/ 3 circuits
50
300
200
–20 to +70
Common mode
D-42C
1 core
10P/ 5 circuits
50
300
200
–20 to +70
Common mode
D-45C
1 core
16P/ 8 circuits
50
300
150
–20 to +70
Common mode
D-47C
1 core
20P/ 10 circuits
50
300
200
–20 to +70
Common mode
Number of
Rated voltage
Rated current
DC resistance
Operating
Model
Circuit diagram
temperature range
terminals/ Circuits
DC (V)
DC (mA/Line)
(m /Line) max.
(˚C)
1
2
10
20
19
11
1
2
6
5
34
1
2
5
10
9
6
1
2
8
16
15
9
1
2
10
20
19
11
• Withstanding voltage: 200VDC (one minute, between lines)
• Insulation resistance: more than 10M
(100VDC, between lines)
Model
Number of Circuits
R
L
D-40C
3
5.08
12.7 max.
D-42C
5
10.16
18 max.
D-45C
8
17.78
25 max.
D-47C
10
22.86
28 max.
[mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com