Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-06-R-25 Datasheet(PDF) 27 Page - NEC

Part # B-06-R-25
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-06-R-25 Datasheet(HTML) 27 Page - NEC

Back Button B-06-R-25 Datasheet HTML 23Page - NEC B-06-R-25 Datasheet HTML 24Page - NEC B-06-R-25 Datasheet HTML 25Page - NEC B-06-R-25 Datasheet HTML 26Page - NEC B-06-R-25 Datasheet HTML 27Page - NEC B-06-R-25 Datasheet HTML 28Page - NEC B-06-R-25 Datasheet HTML 29Page - NEC B-06-R-25 Datasheet HTML 30Page - NEC B-06-R-25 Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
27
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
Bead Inductors (Lead Type)
[RoHS Compliant]
B-01-Series
2 (at 1 MHz)
B-02-Series
5
4 (at 1 MHz)
–20 to +70
B-03-Series
5 (at 1 MHz)
B-06-Series
40 (at 10 MHz)
Note: Rated current values are not guaranteed by impedance levels; these values are permissible levels when the lead wire temperature rise is 20˚C.
Model
Rated current
Impedance
Operating temperature range
DC (A)
( )
(˚C)
B-01-R
Single-bead, radial-lead
Bulk type (100 pcs./bag)
B-01-RT
Single-bead, radial-lead
Tape type (2000 pcs./reel)
B-01-RTF
Single-bead, radial-lead
Tape type (2000 pcs./box)
B-01-RS
Single-bead, radial-lead
Bulk type (100 pcs./bag)
B-01-RTS
Single-bead, radial-lead
Tape type (2000 pcs./reel)
B-01-RTSF
Single-bead, radial-lead
Tape type (2000 pcs./box)
B-01-A
Single-bead, axial-lead
Bulk type (100 pcs./bag)
B-01-A1
Single-bead, axial-lead
Bulk type (250 pcs./bag)
B-01-A2
Single-bead, axial-lead
Bulk type (250 pcs./bag)
B-01-AT
Single-bead, axial-lead
Tape type (5000 pcs./reel)
B-01-ATF
Single-bead, axial-lead
Tape type (1500 pcs./box)
B-01-AT1F
Single-bead, axial-lead
Tape type (2000 pcs./box)
B-02-R
Double-bead, radial-lead
Bulk type (100 pcs./bag)
B-02-RT
Double-bead, radial-lead
Tape type (2000 pcs./reel)
B-02-RTF
Double-bead, radial-lead
Tape type (1500 pcs./box)
B-03-R
Double-bead, radial-lead
Bulk type (100 pcs./bag)
B-03-RT
Double-bead, radial-lead
Tape type (2000 pcs./reel)
B-06-R-25
Double-bead, radial-lead
Bulk type (100 pcs./bag)
B-06-RTF-25
Double-bead, radial-lead
Tape type (1500 pcs./reel)
B-06-R-50
Double-bead, radial-lead
Bulk type (100 pcs./bag)
B-06-RTF-50
Double-bead, radial-lead
Tape type (1500 pcs./box)
Model
Shape
Packaging
Bead Inductors (Lead Type)
[RoHS Compliant]
1
10
1000
100
Frequency (MHz)
1
10
100
1000
Impedance Characteristics
DIP Type
Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com