Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-06-R-25 Datasheet(PDF) 16 Page - NEC

Part # B-06-R-25
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-06-R-25 Datasheet(HTML) 16 Page - NEC

Back Button B-06-R-25 Datasheet HTML 12Page - NEC B-06-R-25 Datasheet HTML 13Page - NEC B-06-R-25 Datasheet HTML 14Page - NEC B-06-R-25 Datasheet HTML 15Page - NEC B-06-R-25 Datasheet HTML 16Page - NEC B-06-R-25 Datasheet HTML 17Page - NEC B-06-R-25 Datasheet HTML 18Page - NEC B-06-R-25 Datasheet HTML 19Page - NEC B-06-R-25 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
16
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
DIP Type
Common Mode Signal Line
5K
1K
100
500
10
50
15
10
50
100
500
16C
Frequency (MHz)
Impedance vs. Frequency
bD-16C
12.5 max.
ø0.6
7.62±0.25
8.0 max.
4.0 min.
1
2
3
4
8
7
6
5
Shape and Dimensions
DIP Noise Filters
D-16C
[RoHS Compliant]
D-16C
1 core
8P/4 circuits
50
100
50
–20 to +70
Common mode
Number of
Rated voltage
Rated current
DC resistance
Operating
Model
Circuit diagram
temperature range
terminals/ Circuits
DC (V)
DC (mA/Line)
(m /Line) max.
(˚C)
DIP Noise Filters
D-16C
[RoHS Compliant]
1
2
8
7
3
4
6
5
• Withstanding voltage: 200VDC (one minute, between lines)
• Insulation resistance: more than10M
(100VDC, between lines)
[mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com