Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # EC3
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EC3 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button EC3 Datasheet HTML 12Page - Silicon Laboratories EC3 Datasheet HTML 13Page - Silicon Laboratories EC3 Datasheet HTML 14Page - Silicon Laboratories EC3 Datasheet HTML 15Page - Silicon Laboratories EC3 Datasheet HTML 16Page - Silicon Laboratories EC3 Datasheet HTML 17Page - Silicon Laboratories EC3 Datasheet HTML 18Page - Silicon Laboratories EC3 Datasheet HTML 19Page - Silicon Laboratories EC3 Datasheet HTML 20Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Si4010-DK
18
Rev. 0.1
3. Examples provided
There are 5 demonstration examples provided with the development kit documentation pack:
1. aes_demo
2. fcast_demo
3. fstep_demo
4. tone_demo
5. keyfob_demo
6. rke_demo
All are precompiled and ready to be used without compilation for convenience. The user just needs to go to the
<name>_demo/bin
directory and open the Silicon Labs IDE *.wsp project file by the Silicon Labs IDE.
Each demo can be built and debugged from within the Silicon Labs IDE.
3.1. AES demo-aes_demo
AES example with timer usage example. The timer counts the number of system clock cycles needed to run
encryption, decryption key preparation, and decryption.
3.2. Frequency casting demo-fcast_demo
This example shows the main flow when using the main vFCast_Tune tuning function. It also shows how to
transmit a predefined data packet when a button is pressed. The buttons are not debounced in this simple
example.
3.3. Frequency casting two step demo-fstep_demo
This example shows the main flow when the user wants to switch in between several frequencies fast. It is possible
to call vFCast_Tune()for several frequencies in advance, collect the information calculated, and then just quickly
apply it during transmission. This is for the cases when the 5-6 ms time spent in vFCast_Tune() is prohibitive for
switching in between frequencies.
3.4. Tone (CW) generation demo-tone_demo
This example shows the steps to generate continuous wave (tone) at a desired frequency. There are two main files
compiled to two separate example applications:
tone_demo
Run main tune vFCast_Tune once, then use only fine tuning to track the temperature changes.
tone_demo_ptune
Periodic tuning, run main tune vFCast_Tune every minute and use the fine tuning only in between the main tuning
events. However, there will be about 6 ms interruption of the output during the main tuning, once per minute.
The Keil µVision project tone_demo.Uv2 covers both targets:
tone_demo
tone_demo_ptune
For the Silicon Labs IDE there is only one target per *.wsp file, so there
are two project files:
tone_demo.wsp
tone_demo_ptune.wsp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com