Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # EC3
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EC3 Datasheet(HTML) 4 Page - Silicon Laboratories

  EC3 Datasheet HTML 1Page - Silicon Laboratories EC3 Datasheet HTML 2Page - Silicon Laboratories EC3 Datasheet HTML 3Page - Silicon Laboratories EC3 Datasheet HTML 4Page - Silicon Laboratories EC3 Datasheet HTML 5Page - Silicon Laboratories EC3 Datasheet HTML 6Page - Silicon Laboratories EC3 Datasheet HTML 7Page - Silicon Laboratories EC3 Datasheet HTML 8Page - Silicon Laboratories EC3 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Si4010-DK
4
Rev. 0.1
1.1.3. Si4010 MSOP Key Fob Development Board 434 MHz, SMA (P/N 4010-DKPB434-BM)
This development board has an unburned soldered Si4010, five push buttons, matched 50
 SMA RF output,
battery clip, and battery switch. This board allows running user application from RAM during program development
even while board is disconnected and powered by the battery. The SMA output connector allows wired
measurements of the RF output signal.
Note: Instead of this board, some 434 MHz development kits may contain the pcb antenna version of this board, described in
"1.2.2. Si4010 Key Fob Development Board 434 MHz" on page 7.
1.1.4. Si4355 RFStick 434MHz receiver board (P/N 4355-LED-434-SRX)
Receiver board factory programmed with the simple receiver program srx_demo. Can be used for link testing with
Si4010 programmed with the rke_demo.
1.1.5. Programming Interface Board (P/N MSC-BA5)
Adapter board for interfacing customer PCB to the debug adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com