Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # EC3
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EC3 Datasheet(HTML) 2 Page - Silicon Laboratories

  EC3 Datasheet HTML 1Page - Silicon Laboratories EC3 Datasheet HTML 2Page - Silicon Laboratories EC3 Datasheet HTML 3Page - Silicon Laboratories EC3 Datasheet HTML 4Page - Silicon Laboratories EC3 Datasheet HTML 5Page - Silicon Laboratories EC3 Datasheet HTML 6Page - Silicon Laboratories EC3 Datasheet HTML 7Page - Silicon Laboratories EC3 Datasheet HTML 8Page - Silicon Laboratories EC3 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Si4010-DK
2
Rev. 0.1
1
MSC-PLPB_1
Key Fob Plastic Case (translucent grey)
1
MSC-BA5
Programming interface board
1
MSC-BA4
Burning adapter board
1
EC3
USB Debug Adapter
1
Toolstick_BA
Toolstick Base Adapter
1
MSC-DKCS5
USB Cable
1
USB extender cable (USBA-USBA)
2
AAA
AAA battery
2
CRD2032
CR2032 3 V coin battery
4010-KFOBDEV-915
Si4010 Key Fob Development Kit 915 MHz
2
4010-KFOB-915-NF
Si4010 key fob demo board 915 MHz w/o IC
1
MSC-DKPE1
SOIC/MSOP socketed development board
3
Si4010-C2-GS
Si4010-C2-GS transmitter IC, SOIC Package
1
4010-DKPB915-BM
Si4010 MSOP key fob development board 915 MHz, SMA
1
4355-LED-915-SRX
Si4355 RFStick 915MHz receiver board
1
MSC-PLPB_1
Key Fob Plastic Case (translucent grey)
1
MSC-BA5
Programming interface board
1
MSC-BA4
Burning adapter board
1
EC3
USB Debug Adapter
1
Toolstick_BA
Toolstick Base Adapter
1
MSC-DKCS5
USB Cable
1
USB extender cable (USBA-USBA)
2
AAA
AAA battery
2
CRD2032
CR2032 3 V coin battery
Table 1. Kit Content (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com