Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5500MPAPREP
Description  14-BIT 125-MSPS Analog-to-digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5500MPAPREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5500MPAPREP Datasheet HTML 12Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 13Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 14Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 15Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 16Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 17Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 18Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 19Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
16
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 125 MSPS, and DLL On (unless
otherwise noted)
SPECTRAL PERFORMANCE
(FFT for 150MHz Input Signal)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
Frequency (MHz)
0
10
2030
4050
60
SFDR = 77.8dBc
SNR = 70.0dBFS
THD = 75.3dBc
SINAD = 69.0dBFS
SPECTRAL PERFORMANCE
(FFT for 225MHz Input Signal)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
Frequency (MHz)
0
10
2030
4050
60
SFDR = 73.0dBc
SNR = 69.1dBFS
THD = 70.0dBc
SINAD = 66.5dBFS
SPECTRAL PERFORMANCE
(FFT for 300MHz Input Signal)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
Frequency (MHz)
0
10
2030
4050
60
SFDR = 67.4dBc
SNR = 68.0dBFS
THD = 64.7dBc
SINAD = 63.0dBFS
TWO−TONE INTERMODULATION
0
-20
-40
-60
-80
-100
-120
-140
Frequency (MHz)
020
10
30
50
40
60
f
1 = 10.1MHz, - 7dBFS
f
2 = 15.1MHz, - 7dBFS
2−tone IMD = 88.0dBc
TWO−TONE INTERMODULATION
0
-20
-40
-60
-80
-100
-120
-140
Frequency (MHz)
020
10
30
50
40
60
f
1 = 30.1MHz, - 7dBFS
f
2 = 35.1MHz, - 7dBFS
2−tone IMD = 87.0dBc
TWO−TONE INTERMODULATION
0
-20
-40
-60
-80
-100
-120
-140
Frequency (MHz)
0
10
2030
4050
60
f
1 = 50.1MHz, -7dBFS
f
2 = 55.1MHz, - 7dBFS
2−tone IMD = 89.0dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com