Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5500MPAPREP
Description  14-BIT 125-MSPS Analog-to-digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5500MPAPREP Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5500MPAPREP Datasheet HTML 23Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 24Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 25Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 26Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 27Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 28Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 29Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 30Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
27
POWER DOWN
The device enters power down in one of two ways −
either by reducing the clock speed to between dc and
1 MHz, or by setting a bit through the serial
programming interface. Using the reduced clock speed,
the power down may be initiated for clock frequencies
below 10 MHz. For clock frequencies between 1 MHz
and 10 MHz, this can vary from device to device, but will
power down for clock speeds below 1 MHz.
The device can be powered down by programming the
internal register (see Serial Programming Interface
section). The outputs become 3-stated and only the
internal reference is powered up to shorten the
power-up time. The power-down mode reduces power
dissipation to a minimum of 180 mW.
REFERENCE CIRCUIT
The
ADS5500
has
built-in
internal
reference
generation, requiring no external circuitry on the printed
circuit board (PCB). For optimum performance, it is best
to connect both REFP and REFM to ground with a 1−
µF
decoupling capacitor in series with a 1-
Ω resistor (see
Figure 9). In addition, an external 56.2-k
Ω resistor
should be connected from IREF (pin 31) to AGND to set
the proper current for the operation of the ADC (see
Figure 9). No capacitor should be connected between
pin 31 and ground; only the 56.2-k
Ω resistor should be
used.
29
30
31
REFP
REFM
IREF
56k
W
1
mF
1
mF
1
W
1
W
Figure 9. REFP, REFM, and IREF Connections for
Optimum Performance
CLOCK INPUT
The ADS5500 clock input can be driven with either a
differential clock signal or a single-ended clock input,
with little or no difference in performance between both
configurations. The common-mode voltage of the clock
inputs is set internally to CM (pin 17) using internal 5-k
Ω
resistors that connect CLKP (pin 10) and CLKM (pin 11)
to CM (pin 17) (see Figure 10).
5k
W
5k
W
CLKM
CLKP
CM
CM
6pF
3pF
3pF
Figure 10. Clock Inputs
When driven with a single-ended CMOS clock input, it
is best to connect CLKM (pin 11) to ground with a
0.01-
µF capacitor, while CLKP is ac coupled with a
0.01-
µF capacitor to the clock source (see Figure 11).
0.01
mF
0.01
mF
CLKP
ADS5500
CLKM
Square Wave
or Sine Wave
(3V
PP)
Figure 11. AC-Coupled Single-Ended Clock Input
The ADS5500 clock input can also be driven
differentially, reducing susceptibility to common-mode
noise. In this case, it is best to connect both clock inputs
to the differential input clock signal with 0.01-
µF
capacitors (see Figure 12).
0.01
mF
CLKP
ADS5500
CLKM
0.01
mF
Differential Square Wave
or Sine Wave
(3V
PP)
Figure 12. AC-Coupled Differential Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com