Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5500MPAPREP
Description  14-BIT 125-MSPS Analog-to-digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5500MPAPREP Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5500MPAPREP Datasheet HTML 22Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 23Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 24Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 25Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 26Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 27Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 28Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 29Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
26
Table 4. Recommended Amplifiers to Drive Input of ADS5500
INPUT SIGNAL FREQUENCY
RECOMMENDED AMPLIFIER
TYPE OF AMPLIFIER
USE WITH TRANSFORMER?
DC to 20 MHz
THS4503 (1)
Differential in/out amplifier
No
DC to 50 MHz
OPA847 (1)
Operational amplifier
Yes
OPA695 (1)
Operational amplifier
Yes
10 MHz to 120 MHz
THS3201 (1)
Operational amplifier
Yes
10 MHz to 120 MHz
THS3202 (1)
Operational amplifier
Yes
Over 100 MHz
THS9001 (1)
RF gain block
Yes
(1) Potential EP devices
R
IN
R
IN
C
IN
0.1
mF
R
T
100
W
0.1
mF
1000pF
1:1
R
S
100
W
OPA695
R
1
400
W
A
V =8V/V
(18dB)
R
2
57.5
W
V
IN
ADS5500
INP
INM
CM
-5V
+5V
10
W
Figure 7. Converting Single-Ended Input Signal to Differential Signal Using an RF Transformer
R
F
R
G
V
OCM
INP
INM
CM
R
F
R
G
R
S
ADS5500
14−Bit/125MSPS
0.1
mF
0.1
mF
10
mF
1
mF
R
T
+3.3V
+5V
0.1
mF
10
mF
-5V
THS4503
R
IN
R
IN
10
W
Figure 8. Using THS4503 With ADS5500
POWER−SUPPLY SEQUENCE
The ADS5500 requires a power-up sequence where the
DRVDD supply must be at least 0.4 V by the time the
AVDD supply reaches 3 V. Powering up both supplies at
the same time works without any problem. If this
sequence is not followed, the device may stay in
power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com