Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33814AE Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # PC33814AE
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 18Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 19Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 20Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 21Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 22Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 23Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 24Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 25Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
22
33814
5.1.11 KEYSW Input
KEYSW is the input from the vehicle ignition keyswitch. This signal is at VBAT (12 V) when the key is inserted and turned to the
ON position. When the key is in the OFF position and/or removed from the keyswitch, this input is pulled to ground by an internal
pull-down resistor. When this signal is low, and the PWREN SPI Control register bit is also low, the 33814 is in the Sleep mode.
If the PWREN SPI control register bit is logic one, when the KEYSW goes low, only the outputs are turned off (except ROUT2 if
the Shut Down Disable bit is set). When the PWREN SPI Control register bit also goes to zero, the entire circuit enters Sleep
mode. When KEYSW signal goes high, it wakes up the IC, turns on the VPP regulator and a Power On Reset signal is generated.
This pin is internally protected against a reverse battery condition by an internal diode.
The state of the KEYSW input is also available as a bit in the SPI Status Register.
5.1.12 PWREN SPI Control Register BIT
The PWREN signal is a bit in the SPI Control Register that, along with KEYSW, BATSW, and the ROUT2 output can provide the
power start-up logic of the vehicle.
The purpose of the PWREN signal is allow the MCU to control the shutdown of power to itself when the user turns off the KEYSW.
This may be necessary to allow the MCU the time required to perform its pre-shutdown routines.
When the MCU wants to shutdown the power supplies in the 33814, it must write a logic zero (0) to the PWREN bit in the SPI
Control register. Only the state of the PWREN bit in the SPI Control register will control the shutdown of the 33814 power
supplies.
5.1.13 BATSW Output
The BATSW output pin is a 5.0 V logic level output that by default is an indication of the state of the KEYSW input. When KEYSW
is at VBAT (12 V) level the BATSW output is a logic 1 (5.0 V), and when KEYSW is at ground (0 V) level, BATSW is at a logic 0.
The BATSW output may be used to inform the MCU that the user is trying to shutdown the vehicle.
The BATSW output can also be used to control an LS driver, such as the Relay 2 driver, by connecting the BATSW output to the
RIN2 input.
In certain packaged options of the 33814, the BATSW signal is not brought out to a pin. In this case, the BATSW signal can still
be determined by the MCU by reading the state of BATSW bit in the SPI Status register. The MCU can then control the ROUT2
(Relay 2 output) by setting the “RIN2” bit in the SPI Control register.
If the BATSW signal is not needed by the MCU or to control the Relay 2 output, it can also be configured as a low current LED
high side driver controlled through the SPI interface. As a high side driver, BATSW can also be PWM’d to allow an LED to be
dimmed. A bit in the SPI Battery Switch Logic Output Configuration register called “HSD”, controls whether the BATSW output
will be a simple high side driver, or will be controlled by KEYSW as indicated above.
Figure 7. Recommended Circuit to Use BATSW as an LED Driver
300
Off Board
MC33814
300
BATSW
LED
.01μF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com