Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33814AE Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # PC33814AE
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 29Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 30Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 31Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 32Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 33Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 34Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 35Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 36Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33814
5.3.2
Power ON Reset (POR)
Applying VPWR and bringing KEYSW high (VBAT) will generate a Power On Reset (POR) and place the device in the Normal
operating state. The Power On Reset circuit incorporates a timer to prevent high frequency transients from causing an erroneous
POR.
Upon enabling the device (KEYSW High), outputs will be activated based on the initial state of the control register or parallel
input. All three supplies, VPP, VCC, and VPROT, are enabled when KEYSW is brought high.
Figure 11. 33814 Functional State Diagram
Table 13. Operational States
KEYSW Input
PWREN SPI Bit
Input
BATSWB Output
All Supplies
STATE
L
L
L
OFF
Sleep
H
L
H
ON
NORMAL
H
H
H
ON
NORMAL
L
H
L
ON
Prepare to shutdown
SLEEP
(Engine/Key is off)
RESETB=0
BATSW=0
RESET
(Resets ASIC & MCU)
RESETB=0
BATSW=1
NORMAL
(SPI Bus Usable)
RESETB=1
BATSW=1
PREPARE TO
SHUTDOWN
(SPI Bus Usable)
RESETB=1
BATSW=0
KE
YS
W
=1
VPWR_OV=1 ||
VCC_UV=1||
VCC_POR=1
OV – Over Voltage
UV – Under Voltage
WD = Watch Dog
TD = Time Delay
POR = Power On Reset
&& = logic AND
|| = logic OR
KEY
SW
=0
VP
W
R_
OV
=0
&&
VC
C_
PO
R=
0 +
TD
=
128
uS
W
D_
TIM
EO
UT
=1 |
|
VP
W
R_
OV
=1 |
|
VC
C_
UV
=1
PWREN=1
PW
RE
N=
0
KE
YS
W
=0
&&
PW
RE
N=
1
KEYSW=0 &&
PWREN=0
VPWR_UV=1
from any state
KEYSW=0
Passive State
Active States
SPI_RESET
(Resets ASIC Only)
RESETB=1
BATSW=1
Over-voltage
Under-voltage
Watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com