Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33814AE Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PC33814AE
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33814
29
BATSW
Output
Battery Switch
This output is a 5.0 V logic level that is high when KEYSW is high. It is only
low when KEYSW is low. It can also be controlled via the SPI. The BATSW
output may not be present in a different package but it’s function can be read
by the SPI.
30
INJIN2
Input
Injector Driver Input 2 5.0 V logic level input from the MCU to control the injector 2 driver output.
(Can also be controlled via the SPI)
31
INJIN1
Input
Injector Driver Input 1 5.0 V logic level input from the MCU to control the injector 1 driver output.
(Can also be controlled via the SPI)
32
IGNIN2
Input
Ignition Input 2
5.0 V logic level input from MCU controlling the ignition coil # 2 current flow
and spark. (Can also be controlled via the SPI)
33
IGNIN1
Input
Ignition Input 1
5.0 V logic level input from MCU controlling the ignition coil # 1 current flow
and spark. (Can also be controlled via the SPI)
34
O2HIN
Input
O2 Sensor Heater
Input
5.0 V logic level input used to turn on and off the O2HOUT driver. The
O2HOUT driver can also be turned on and off via the SPI if this pin is not
present in a different package.
35
RIN2
Input
Relay Driver Input 2 5.0 V logic level input from the MCU to control the relay 2 driver output
ROUT2. The ROUT2 driver can also be turned on and off via the SPI if this
pin is not present in a different package.
36
RIN1
Input
Relay Driver Input 1 5.0 V logic level input from the MCU to control the relay 1 driver output
ROUT1. The ROUT1 driver can also be turned on and off via the SPI if this
pin is not present in a different package.
37
KEYSW
Input
Key Switch Input
The Key Switch Input is a VPWR level signal that indicates that the Key is
inserted and turned to the ON/OFF position. In the ON position the
(KEYSW = VBAT) the IC is enabled and BATSW = HIGH (Relay 2 ON if
programmed in the SPI). In the OFF position the IC is in Sleep mode, only
when the PWREN bit in the SPI register is also low.
38
INJGND2
Ground
Injector Driver 2
Ground
Ground connection for injector 2 low side driver. Must be tied to VPWR
ground.
39
INJOUT2
Output
Injector Driver 2
Output
Low side driver output for injector 2 driven by the SPI input or by parallel input
INJIN2
40
RGND1
Ground
ROUT1 Power
Ground
Ground connection for ROUT 1 low side driver. Must be tied to VPWR ground.
41
ROUT1
Output
Relay Driver 1 Output Low side relay driver output # 1 driven by the SPI input command or RIN1
logic input
42
INJGND1
Ground
Injector Driver 1
Ground
Ground connection for injector 1 low side driver. Must be tied to VPWR
ground.
43
INJOUT1
Output
Injector Driver 1
Output
Low side driver output for injector 1 driven by the SPI input or by parallel input
INJIN1
44
ISO9141
Input/Output
ISO9141 K-Line
Bidirectional Serial
Data Signal
ISO9141 pin is VPWR level IN/OUT signal which is connected to an external
ECU tester that uses the ISO9141 protocol.The output is open drain and the
Input is a ratiometric VPWR level threshold comparator.
45
IGNFB1
Input
Feedback from
Collector 1
Voltage feedback from collector of ignition # 1 driver IGBT through 10:1
voltage divider (9R:1R)
46
IGNOUT1
Output
Ignition Output 1
Output to gate of IGBT or GPGD for ignition # 1
47
IGNFB2
Input
Feedback from
Collector 2
Voltage feedback from collector of ignition # 2 driver IGBT through 10:1
voltage divider (9R:1R)
48
IGNOUT2
Output
Ignition Output 2
Output to gate of IGBT or GPGD for ignition # 2
Table 2. 33814 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 20.
Pin
Pin Name
Pin
Function
Formal Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com