Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5674IPHPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674IPHPR
Description  14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5674IPHPR Datasheet(HTML) 2 Page - Texas Instruments

  DAC5674IPHPR Datasheet HTML 1Page - Texas Instruments DAC5674IPHPR Datasheet HTML 2Page - Texas Instruments DAC5674IPHPR Datasheet HTML 3Page - Texas Instruments DAC5674IPHPR Datasheet HTML 4Page - Texas Instruments DAC5674IPHPR Datasheet HTML 5Page - Texas Instruments DAC5674IPHPR Datasheet HTML 6Page - Texas Instruments DAC5674IPHPR Datasheet HTML 7Page - Texas Instruments DAC5674IPHPR Datasheet HTML 8Page - Texas Instruments DAC5674IPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
The DAC5674 operates from an analog supply voltage of 3.3 V and a digital supply voltage of 1.8 V. The digital
I/Os are 1.8-V and 3.3-V CMOS compatible. Power dissipation is 500 mW at maximum operating conditions.
The DAC5674 provides a nominal full-scale differential current-output of 20 mA, supporting both single-ended
and differential applications. The output current can be directly fed to the load with no additional external output
buffer required. The device has been specifically designed for a differential transformer coupled output with a
50-
Ω doubly terminated load. For a 20-mA full-scale output current, both a 4:1 impedance ratio (resulting in an
output power of 4 dBm) and 1:1 impedance ratio transformer (−2-dBm output power) are supported. The latter
configuration is preferred for optimum performance at high output frequencies and update rates.
An accurate on-chip 1.2-V temperature compensated band-gap reference and control amplifier allows the user
to adjust the full-scale output current from 20 mA down to 2 mA. This provides 20-dB gain range control
capabilities. Alternatively, an external reference voltage may be applied for maximum flexibility. The device
features a SLEEP mode, which reduces the standby power to approximately 10 mW, thereby optimizing the
power consumption for the system’s need.
The DAC5674 is available in a 48-pin HTQFP PowerPAD
 plastic quad flatpack package. The device is
characterized for operation over the industrial temperature range of −40
°C to 85°C.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES
48-HTQFP PowerPAD Plastic Quad Flatpack
−40
°C to 85°C
DAC5674IPHP
−40 C to 85 C
DAC5674IPHPR
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage range
AVDD(2), CLKVDD(2), IOVDD(2), PLLVDD(2)
−0.5 V to 4 V
Supply voltage range
DVDD(3)
−0.5 V to 2.3 V
Voltage between AGND, DGND, CLKGND, PLLGND, and IOGND
−0.5 V to 0.5 V
D[13..0](3), HP1, HP2, DIV0(3), DIV1(3), PLLLOCK(3), RESET(3), X4(3)
−0.5 V to IOVDD + 0.5 V
Supply voltage range
IOUT1, IOUT2(2)
−1 V to AVDD + 0.5 V
Supply voltage range
EXTIO(2), EXTLO(2), BIASJ(2), SLEEP(2), CLK(2), CLKC(2), LPF(2)
−0.5 V to AVDD + 0.5 V
Peak input current (any input)
20 mA
Peak total input current (all inputs)
−30 mA
Operating free-air temperature range, TA: DAC5674I
−40
°C to 85°C
Storage temperature range
−65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) Measured with respect to AGND.
(3) Measured with respect to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com