Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5674IPHPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674IPHPR
Description  14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5674IPHPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5674IPHPR Datasheet HTML 3Page - Texas Instruments DAC5674IPHPR Datasheet HTML 4Page - Texas Instruments DAC5674IPHPR Datasheet HTML 5Page - Texas Instruments DAC5674IPHPR Datasheet HTML 6Page - Texas Instruments DAC5674IPHPR Datasheet HTML 7Page - Texas Instruments DAC5674IPHPR Datasheet HTML 8Page - Texas Instruments DAC5674IPHPR Datasheet HTML 9Page - Texas Instruments DAC5674IPHPR Datasheet HTML 10Page - Texas Instruments DAC5674IPHPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
www.ti.com
7
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
37, 41, 44
I
Analog ground return
AVDD
45, 46
I
Analog supply voltage
BIASJ
40
O
Full-scale output current bias
CLK
29
I
External clock input
CLKC
30
I
Complementary external clock input
CLKGND
31
I
Ground return for internal clock buffer
CLKVDD
32
I
Internal clock buffer supply voltage
D[13..0]
3−16
I
Data bits 0 through 13
D13 is most significant data bit (MSB)
D0 is least significant data bit (MSB)
DIV[1..0]
27,28
I
PLL prescaler divide ratio settings
DGND
1, 2, 19, 24
I
Digital ground return
DVDD
21, 47, 48
I
Digital supply voltage
EXTIO
39
I/O
Used as external reference input when internal reference is disabled (i.e., EXTLO connected to AVDD).
Used as internal reference output when EXTLO = AGND, requires a 0.1-
µF decoupling capacitor to AGND
when used as reference output
EXTLO
38
I
For internal reference connect to AGND. Connect to AVDD to disable the internal reference
HP1
17
I
Filter 1 high-pass setting. Active high
HP2
18
I
Filter 2 high-pass setting. Active high
IOGND
20
I
Input digital ground return
IODVDD
22
I
Input digital supply voltage
IOUT1
43
O
DAC current output. Full scale when all input bits are set 1
IOUT2
42
O
DAC complementary current output. Full scale when all input bits are 0
LPF
35
I
PLL loop filter connection
PLLGND
33
I
Ground return for internal PLL
PLLLOCK
25
O
PLL lock status bit. PLL is locked to input clock when high. Provides output clock equal to the data rate
when the PLL is disabled.
PLLVDD
34
I
Internal PLL supply voltage. Connect to PLLGND to disable PLL clock multiplier.
RESET
26
I
Reset internal registers. Active high
SLEEP
36
I
Asynchronous hardware power-down input. Active high. Internally pull down.
X4
23
I
4
× interpolation mode. Active high. Filter 1 is bypassed when connected to DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com