Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5674IPHPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674IPHPR
Description  14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5674IPHPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC5674IPHPR Datasheet HTML 17Page - Texas Instruments DAC5674IPHPR Datasheet HTML 18Page - Texas Instruments DAC5674IPHPR Datasheet HTML 19Page - Texas Instruments DAC5674IPHPR Datasheet HTML 20Page - Texas Instruments DAC5674IPHPR Datasheet HTML 21Page - Texas Instruments DAC5674IPHPR Datasheet HTML 22Page - Texas Instruments DAC5674IPHPR Datasheet HTML 23Page - Texas Instruments DAC5674IPHPR Datasheet HTML 24Page - Texas Instruments DAC5674IPHPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
www.ti.com
21
PFD
ref
ICO
Fref
Fvco
LPF
R
C1
C2
DAC5674
External Loop Filter
PN
Figure 22. PLL Functional Block Diagram
Table 5. DAC5674 Evaluation Board PLL Loop Filter Parameters
N(1)
PHASE MARGIN (DEGREES)
BANDWIDTH (MHZ)
2
60
1.6
4
71
1.4
8
77
1
16
78
0.7
32
74
0.4
(1) N is the VCO divide-down factor from prescale and interpolation.
Non-Harmonic Clock-Related Spurious Signals
In interpolating DACs, imperfect isolation between the digital and DAC clock circuits generates spurious signals
at frequencies related to the DAC clock rate. The digital interpolation filters in these DACs run at subharmonic
frequencies of the output rate clock, where these frequencies are fDAC/2 , N = 1,2. For example, for 2×
interpolation only one interpolation filter runs at fDAC/2; for 4× interpolation, on the other hand, two interpolation
filters run at fDAC/2 and fDAC/4. These lower-speed clocks for the interpolation filter mix with the DAC clock
circuit and create spurious images of the wanted signal and second Nyquist-zone image at offsets of fDAC/2N.
Figure 23 shows the location of the largest spurious signals for 4
× interpolation for a real signal. With a real
output signal, there is no distinction between negative and positive frequencies, and therefore the signals that
appear at negative frequencies wrap and potentially fall near the wanted signal. In particular, at IFs near fDAC/8,
fDAC/4, and fDAC × 3/4 (50 MHz, 100 MHz, and 150 MHz in this example), the mixing effect results in spurious
signals falling near the wanted signal, which may present a problem depending on the system application. For
a frequency-symmetric signal (such as a single WCDMA or CDMA carrier), operating at exactly fDAC/8, fDAC/4
and fDAC × 3/4, the spurious signal falls completely inside the wanted signal, which produces a clean spectrum
but may result in degradation of the signal quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com