Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8137YCPZ-R2 Datasheet(PDF) 18 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8137YCPZ-R2
Description  Low Cost, Low Power, Differential ADC Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8137YCPZ-R2 Datasheet(HTML) 18 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8137YCPZ-R2 Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 17Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 18Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 19Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 20Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD8137
Data Sheet
Rev. E | Page 18 of 32
–0.3
0.3
–15
10
5
0
5
10
15
0.2
0.1
0
–0.1
–0.2
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
VOS, cm
VOS, dm
Figure 47. Offset Voltage vs. Temperature
VACM (V)
1.2
1.0
0.6
0.8
0.4
0.2
–0.2
0
–0.4
0.50
1.50
2.50
3.50
4.50
Figure 48. Input Bias Current vs. Input Common-Mode Voltage, VACM
0.10
0.40
–3
–2
–1
0
1
2
3
0.35
0.30
0.25
0.20
0.15
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
IBIAS
IOS
Figure 49. Input Bias and Offset Current vs. Temperature
TEMPERATURE (°C)
2.60
2.55
2.45
2.40
2.50
2.35
2.30
–40
0
20
–20
40
80
100
60
120
Figure 50. Supply Current vs. Temperature
VOCM (V)
70�
50
30
10
–10
–30
–50
–70
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 51. VOCM Bias Current vs. VOCM Input Voltage
–0.5
–0.1
–0.2
–0.3
–0.4
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 52. VOCM Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com