Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8137YCPZ-R2 Datasheet(PDF) 30 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8137YCPZ-R2
Description  Low Cost, Low Power, Differential ADC Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8137YCPZ-R2 Datasheet(HTML) 30 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8137YCPZ-R2 Datasheet HTML 24Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 25Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 26Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 27Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 28Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 29Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 30Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 31Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 32Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD8137
Data Sheet
Rev. E | Page 30 of 32
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8137YR
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD8137YR-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD8137YRZ
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD8137YRZ-REEL
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD8137YRZ-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD8137YCPZ-R2
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP_WD)
CP-8-13
HFB#
AD8137YCPZ-REEL
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP_WD)
CP-8-13
HFB#
AD8137YCPZ-REEL7
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP_WD)
CP-8-13
HFB#
AD8137WYCPZ-R7
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP_WD)
CP-8-13
H2G
AD8137YCP-EBZ
LFCSP Evaluation Board
AD8137YR-EBZ
SOIC Evaluation Board
1
Z = RoHS Compliant Part; # denotes that RoHS part may be top or bottom marked.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8137W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com