Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8137YCPZ-R2 Datasheet(PDF) 25 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8137YCPZ-R2
Description  Low Cost, Low Power, Differential ADC Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8137YCPZ-R2 Datasheet(HTML) 25 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8137YCPZ-R2 Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 23Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 24Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 25Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 26Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 27Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 28Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-R2 Datasheet HTML 29Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD8137
Rev. E | Page 25 of 32
GND
VREF
VREFA
ADR525A
2.5V SHUNT
REFERENCE
AD7450A
VIN+
VIN–
VDD
AD8137
+
–
8
VREFB
2.5V
2
1
6
3
4
5
VOCM
1k
Ω
1k
Ω
1k
Ω
2.5k
Ω
1k
Ω
5V
50
Ω
50
Ω
VIN
1.0nF
1.0nF
0.1
µF
0.1
µF
+1.88V
+1.25V
VACM WITH
VREFB = 0
+0.63V
+2.5V
GND
–2.5V
Figure 65. AD8137 Driving AD7450A, 12-Bit ADC
The input impedance of a conventional inverting op amp
configuration is simply RG; however, it is higher in Equation 19
because a fraction of the differential output voltage appears at
the summing junctions, VAN and VAP. This voltage partially
bootstraps the voltage across the input resistor RG, leading to
the increased input resistance.
Input Common-Mode Swing Considerations
In some single-ended-to-differential applications, when using a
single-supply voltage, attention must be paid to the swing of the
input common-mode voltage, VACM.
Consider the case in Figure 65, where VIN is 5 V p-p swinging
about a baseline at ground and VREFB is connected to ground.
The input signal to the AD8137 is originating from a source
with a very low output resistance.
The circuit has a differential gain of 1.0 and β = 0.5. VICM has an
amplitude of 2.5 V p-p and is swinging about ground. Using the
results in Equation 16, the common-mode voltage at the inputs of
the AD8137, VACM, is a 1.25 V p-p signal swinging about a baseline
of 1.25 V. The maximum negative excursion of VACM in this case is
0.63 V, which exceeds the lower input common-mode voltage limit.
One way to avoid the input common-mode swing limitation is
to bias VIN and VREF at midsupply. In this case, VIN is 5 V p-p
swinging about a baseline at 2.5 V, and VREF is connected to a
low-Z 2.5 V source. VICM now has an amplitude of 2.5 V p-p and
is swinging about 2.5 V. Using the results in Equation 17, VACM
is calculated to be equal to VICM because VOCM = VICM. Therefore,
VICM swings from 1.25 V to 3.75 V, which is well within the input
common-mode voltage limits of the AD8137. Another benefit
seen by this example is that because VOCM = VACM = VICM, no
wasted common-mode current flows. Figure 66 illustrates a way
to provide the low-Z bias voltage. For situations that do not
require a precise reference, a simple voltage divider suffices to
develop the input voltage to the buffer.
VIN
0V TO 5V
AD8137
+
–
8
2
1
6
3
4
5
VOCM
1k
Ω
1k
Ω
5V
1k
Ω
1k
Ω
10k
Ω
0.1
µF
0.1
µF
0.1
µF
10
µF
+
AD8031
+
–
0.1
µF
5V
ADR525A
2.5V SHUNT
REFERENCE
TO
AD7450A
VREF
Figure 66. Low-Z Bias Source
Another way to avoid the input common-mode swing limitation
is to use dual power supplies on the AD8137. In this case, the
biasing circuitry is not required.
Bandwidth vs. Closed-Loop Gain
The 3 dB bandwidth of the AD8137 decreases proportionally
to increasing closed-loop gain in the same way as a traditional
voltage feedback operational amplifier. For closed-loop gains
greater than 4, the bandwidth obtained for a specific gain can
be estimated as
)
MHz
72
(
,
3
×
+
=
−
F
G
G
dm
O,
dB
R
R
R
V
f
(20)
or equivalently, β(72 MHz).
This estimate assumes a minimum 90° phase margin for the
amplifier loop, a condition approached for gains greater than 4.
Lower gains show more bandwidth than predicted by the equation
due to the peaking produced by the lower phase margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com