Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1282IPW Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1282IPW
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1282IPW Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC1282IPW Datasheet HTML 26Page - Texas Instruments DAC1282IPW Datasheet HTML 27Page - Texas Instruments DAC1282IPW Datasheet HTML 28Page - Texas Instruments DAC1282IPW Datasheet HTML 29Page - Texas Instruments DAC1282IPW Datasheet HTML 30Page - Texas Instruments DAC1282IPW Datasheet HTML 31Page - Texas Instruments DAC1282IPW Datasheet HTML 32Page - Texas Instruments DAC1282IPW Datasheet HTML 33Page - Texas Instruments DAC1282IPW Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
1
9
17
25
CS
(1)
SCLK
DIN
OPCODE 1
OPCODE 2
DOUT
REG DATA 1
REG DATA 2
Don’t Care
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
COMMANDS
The commands summarized in Table 14 control and configure the DAC1282. The register read and register write
commands are two-byte command arguments plus additional data bytes while the reset command is a one-byte
command. The DAC1282 serial port chip select (CS) can be taken high or held low between commands but must
remain low for the entire command operation.
Table 14. Command Definitions
COMMAND
TYPE
DESCRIPTION
FIRST OPCODE BYTE
SECOND OPCODE BYTE
RREG
Register
Read nnnn register(s) at address rrrr(1)
0010 rrrr
0000 nnnn
WREG
Register
Write nnnn register(s) at address rrrr
0100 rrrr
0000 nnnn
RESET
Control
Reset the device
0000 011x (06 or 07h)
(1)
rrrr = Starting read or write register address, nnnn= number of registers to read or write minus 1.
RREG: Read from Registers
Description: These two opcode bytes read register data. The register read operation is a two-byte opcode input
followed by one or more bytes of register data as the output. The first byte of the command is the opcode and
the register address combined. The second byte of the command specifies the number of registers to read
(minus 1) in a block. Register data are output following the command input. Note that for multiple register read
operations, the register address pointer does not wrap when the last register is exceeded.
First opcode byte: 0010 rrrr, where rrrr is the starting address register address to be read.
Second opcode byte: 0000 nnnn, where nnnn is the number of registers to read
– 1.
Following bytes: Register data output in MSB-first format. The 16th SCLK falling edge of the opcode clocks out
the MSB of the register data.
(1) CS may be tied low.
Figure 48. RREG Command Example: Read Two Registers Starting from Register 00h
(OPCODE 1 = 0010 0000, OPCODE 2 = 0000 0001)
30
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com