Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1282IPW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1282IPW
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1282IPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC1282IPW Datasheet HTML 4Page - Texas Instruments DAC1282IPW Datasheet HTML 5Page - Texas Instruments DAC1282IPW Datasheet HTML 6Page - Texas Instruments DAC1282IPW Datasheet HTML 7Page - Texas Instruments DAC1282IPW Datasheet HTML 8Page - Texas Instruments DAC1282IPW Datasheet HTML 9Page - Texas Instruments DAC1282IPW Datasheet HTML 10Page - Texas Instruments DAC1282IPW Datasheet HTML 11Page - Texas Instruments DAC1282IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/1
4k FFT
Vo = 31.25 Hz, −0.5 dBFS
THD = −125.8 dB
SNR = 120.1 dB
G000
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/2
4k FFT
Vo = 31.25 Hz, −0.5 dBFS
THD = −125.6 dB
SNR = 119.0 dB
G000
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/4
4k FFT
Vo = 31.25 Hz, −0.5 dBFS
THD = −125.9 dB
SNR = 117.8 dB
G000
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/8
4k FFT
Vo = 31.25 Hz, −0.5 dBFS
THD = −125.4 dB
SNR = 114.5 dB
G000
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/16
8k FFT
Vo = 31.25 Hz, −0.5 dBFS
THD = −126.1 dB
SNR = 109.8 dB
G000
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/32
8k FFT
Vo = 31.25 Hz, −0.5 dBFS
THD = −116.7 dB
SNR = 105.7 dB
G000
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = +2.5 V, AVSS = –2.5 V, DVDD = 3.3 V, fCLK = 4.096 MHz, and VREF = 5 V, unless otherwise noted.
OUTPUT SPECTRUM GAIN = 1/1
OUTPUT SPECTRUM GAIN = 1/2
Figure 2.
Figure 3.
OUTPUT SPECTRUM GAIN = 1/4
OUTPUT SPECTRUM GAIN = 1/8
Figure 4.
Figure 5.
OUTPUT SPECTRUM GAIN = 1/16
OUTPUT SPECTRUM GAIN = 1/32
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com