Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1282IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1282IPW
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1282IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC1282IPW Datasheet HTML 5Page - Texas Instruments DAC1282IPW Datasheet HTML 6Page - Texas Instruments DAC1282IPW Datasheet HTML 7Page - Texas Instruments DAC1282IPW Datasheet HTML 8Page - Texas Instruments DAC1282IPW Datasheet HTML 9Page - Texas Instruments DAC1282IPW Datasheet HTML 10Page - Texas Instruments DAC1282IPW Datasheet HTML 11Page - Texas Instruments DAC1282IPW Datasheet HTML 12Page - Texas Instruments DAC1282IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/64
8k FFT
Vo = 31.25 Hz, −0.5 dBFS
THD = −112.8 dB
SNR = 100.1 dB
G000
0
250
500
750
1000
1250
1500
1750
2000
−55
−35
−15
5
25
45
65
85
105
125
Temperature (°C)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
Pulse Mode
G000
0
5
10
15
20
Gain Error (ppm)
Gain = 1/1
30 units
G000
0
5
10
15
20
Absolute Gain Match (ppm)
All gains relative to gain = 1/1
30 units
G000
−750
−500
−250
0
250
500
750
−55
−35
−15
5
25
45
65
85
105
125
Temperature (°C)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
Pulse Mode
G000
0
5
10
15
20
25
Offset Error (ppm)
Gain = 1/1
30 units
G000
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5 V, AVSS = –2.5 V, DVDD = 3.3 V, fCLK = 4.096 MHz, and VREF = 5 V, unless otherwise noted.
OUTPUT SPECTRUM GAIN = 1/64
GAIN ERROR vs TEMPERATURE
Figure 8.
Figure 9.
GAIN ERROR HISTOGRAM
GAIN MATCH HISTOGRAM
Figure 10.
Figure 11.
OFFSET vs TEMPERATURE
OFFSET HISTOGRAM
Figure 12.
Figure 13.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com