Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS161 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # 74LS161
Description  Synchronous 4 Bit Counters; Binary, Direct Reset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74LS161 Datasheet(HTML) 4 Page - System Logic Semiconductor

  74LS161 Datasheet HTML 1Page - System Logic Semiconductor 74LS161 Datasheet HTML 2Page - System Logic Semiconductor 74LS161 Datasheet HTML 3Page - System Logic Semiconductor 74LS161 Datasheet HTML 4Page - System Logic Semiconductor 74LS161 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL74LS161
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS (T
A=25
°C, V
CC = 5.0 V, CL = 15 pF, RL = 2 k
Ω, t
r =15
ns, tf = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay, Clock to Ripple carry
35
ns
tPHL
Propagation Delay, Clock to Ripple carry
35
ns
tPLH
Propagation Delay, Clock (load input high) to Any Q
24
ns
tPHL
Propagation Delay, Clock (load input high) to Any Q
27
ns
tPLH
Propagation Delay, Clock (load input low) to Any Q
24
ns
tPHL
Propagation Delay, Clock (load input low) to Any Q
27
ns
tPLH
Propagation Delay, Enable T to Ripple carry
14
ns
tPHL
Propagation Delay, Enable T to Ripple carry
14
ns
tPHL
Propagation Delay, Reset to Any Q
28
ns
Figure 1. Switching Waveform
Figure 2. Switching Waveform
Figure 3. Switching Waveform
Figure 4. Switching Waveform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com