Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS161 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # 74LS161
Description  Synchronous 4 Bit Counters; Binary, Direct Reset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74LS161 Datasheet(HTML) 1 Page - System Logic Semiconductor

  74LS161 Datasheet HTML 1Page - System Logic Semiconductor 74LS161 Datasheet HTML 2Page - System Logic Semiconductor 74LS161 Datasheet HTML 3Page - System Logic Semiconductor 74LS161 Datasheet HTML 4Page - System Logic Semiconductor 74LS161 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74LS161
System Logic
Semiconductor
SLS
Synchronous 4 Bit Counters; Binary,
Direct Reset
This synchronous, presettable counter features an internal carry
look-ahead
for
application
in
high-speed
counting
designs.
Synchronous operation is provided by having all flip-flops clocked
simultaneously so that the outputs change conicident with each other
when so instructed by the count-enable inputs and internal gating.
This mode of operation eliminates the output counting spikes that
are normally associated with asynchronous (ripple clock) counters. A
buffered clock input triggers the four flip-flops on the rising (positive-
going) edge of the clock input wave form.
This counter is fully programmable; that is the outputs may be
preset to either level. As presetting is synchronous setting up a low
level at the load input disables the counter and causes the outputs to
agree with the setup data after the next clock pulse regardless of the
levels of the enable inputs.
The carry look-ahead circuitry provides for cascading counters for
n-bit synchronous applications without additional gating. Instrumental
in accomplishiing this function are two counter-enable inputs and a
ripple carry output. Both countenable inputs (ENABLE P and
ENABLE T) must be high to count, and ENABLE T is fed forward to
enable the ripple carry output. The ripple carry output thus enabled
will produce a high-level output pulse with a duration approximately
equal to the high level portion of the QA output. The high-level
overflow ripple carry pulse can be enable successive cascaded
stages. Transitions at the ENPor ENT are allowed regardless of the
level of the clock input.
• Internal Look-Ahead for Fast Counting
• Carry Output for n-Bit Cascading
• Synchronous Counting
• Synchronously Programmable
• Load Control Line
• Diode-Clamped Inputs
ORDERING INFORMATION
SL74LS161N Plastic
SL74LS161D SOIC
TA = 0
° to 70° C for all
packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND


Similar Part No. - 74LS161

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS161 MOTOROLA-74LS161 Datasheet
157Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
74LS161 ONSEMI-74LS161 Datasheet
79Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Fairchild Semiconductor
74LS161 FAIRCHILD-74LS161 Datasheet
103Kb / 10P
Synchronous 4-Bit Binary Counters
logo
SYC Electronica
74LS161-3 SYC-74LS161-3 Datasheet
211Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Solid State Inc
74LS161-3 SOLIDSTATE-74LS161-3 Datasheet
211Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
More results

Similar Description - 74LS161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS161A HITACHI-HD74LS161A Datasheet
106Kb / 7P
Synchronous 4-bit Binary Counters(direct clear)
logo
Texas Instruments
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Integral Corp.
IN74LS161 INTEGRAL-IN74LS161 Datasheet
341Kb / 6P
Synchronous 4 Bit Counters; Binary, Direct Reset
logo
KODENSHI_AUK CORP.
KK74LS161 KODENSHI-KK74LS161 Datasheet
355Kb / 6P
Synchronous 4 Bit Counters; Binary, Direct Reset
logo
Texas Instruments
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com