Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS161 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # 74LS161
Description  Synchronous 4 Bit Counters; Binary, Direct Reset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74LS161 Datasheet(HTML) 2 Page - System Logic Semiconductor

  74LS161 Datasheet HTML 1Page - System Logic Semiconductor 74LS161 Datasheet HTML 2Page - System Logic Semiconductor 74LS161 Datasheet HTML 3Page - System Logic Semiconductor 74LS161 Datasheet HTML 4Page - System Logic Semiconductor 74LS161 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SL74LS161
System Logic
Semiconductor
SLS
FUNCTION TABLE
Inputs
Outputs
Reset
Load
Enable
P
Enable
T
Clock
Q0
Q1
Q2
Q3
Function
L
X
X
X
X
L
L
L
L
Reset to “0”
H
L
X
X
P0
P1
P2
P3
Preset Data
H
H
X
L
No change
No count
H
H
L
X
No change
No count
H
H
H
H
Count up
Count
H
X
X
X
No change
No count
X=don’t care
P0,P1,P2,P3 = logic level of Data inputs
Ripple Carry Out = Enable T
• Q0 • Q1 • Q2 • Q3
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7.0
V
VIN
Input Voltage
7.0
V
VOUT
Output Voltage
5.5
V
Tstg
Storage Temperature Range
-65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
IOH
High Level Output Current
-0.4
mA
IOL
Low Level Output Current
8.0
mA
fclock
Clock frequency
0
25
MHz
tw(clock)
Width of clock pulse
25
ns
tw(reset)
Width of reset pulse
20
ns
Data inputs P0, P1, P2, P3
20
tsu
Setup time
Enable P or T
20
ns
Load
20
th
Hold time at any input
3
ns
TA
Ambient Temperature Range
0
+70
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com