Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2210 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 4Page - Microchip Technology MCP2210 Datasheet HTML 5Page - Microchip Technology MCP2210 Datasheet HTML 6Page - Microchip Technology MCP2210 Datasheet HTML 7Page - Microchip Technology MCP2210 Datasheet HTML 8Page - Microchip Technology MCP2210 Datasheet HTML 9Page - Microchip Technology MCP2210 Datasheet HTML 10Page - Microchip Technology MCP2210 Datasheet HTML 11Page - Microchip Technology MCP2210 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
MCP2210
DS22288A-page 8
 2011 Microchip Technology Inc.
1.7
EEPROM Module
The EEPROM module is a 256-byte array of nonvola-
tile memory. The memory locations are accessed for
read/write operations solely via USB host commands.
The memory cells for data EEPROM are rated to
endure thousands of erase/write cycles, up to 100K for
EEPROM.
Data retention without refresh is conservatively
estimated to be greater than 40 years.
1.8
Reset/POR
1.8.1
RESET PIN
The RST pin provides a method for triggering an
external Reset of the device. A Reset is generated by
holding the pin low. MCP2210 has a noise filter in the
Reset path which detects and ignores small pulses.
1.8.2
POR
A POR pulse is generated on-chip whenever VDD rises
above a certain threshold. This allows the device to
start in the initialized state when VDD is adequate for
operation.
To take advantage of the POR circuitry, tie the RST pin
through a resistor (1 k
 to 10 k) to VDD. This will
eliminate external RC components usually needed to
create a POR delay.
When the device starts normal operation (i.e., exits the
Reset condition), the device operating parameters
(voltage, frequency, temperature, etc.) must be met to
ensure operation. If these conditions are not achieved,
the device must be held in Reset until the operating
conditions are met.
1.9
Oscillator
The input clock must be 12 MHz to provide the proper
frequency for the USB module. USB full-speed is
nominally 12 Mb/s. The clock input accuracy is ±0.25%
(2,500 ppm maximum).
FIGURE 1-5:
QUARTZ CRYSTAL
OPERATION
FIGURE 1-6:
CERAMIC RESONATOR
OPERATION
Quartz Crystal
12 MHz
OSC1
OSC2
RS(1)
RF(2)
MCP2210
Note 1: A series resistor (RS) may be required for
quartz crystals with high drive level.
2: The value of RF is typically between 2 M to
10 M
..
Example: muRata®
CSTCE12M0G15L
OSC1
OSC2
Resonator
12 MHz
MCP2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com