Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2210 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 9Page - Microchip Technology MCP2210 Datasheet HTML 10Page - Microchip Technology MCP2210 Datasheet HTML 11Page - Microchip Technology MCP2210 Datasheet HTML 12Page - Microchip Technology MCP2210 Datasheet HTML 13Page - Microchip Technology MCP2210 Datasheet HTML 14Page - Microchip Technology MCP2210 Datasheet HTML 15Page - Microchip Technology MCP2210 Datasheet HTML 16Page - Microchip Technology MCP2210 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 13
MCP2210
3.1.1.1
Responses
17
Other Chip Settings – Enable/Disable Wake-up, Interrupt Counting, SPI Bus Release Options
• Bit 7 – Don’t Care
• Bit 6 – Don’t Care
• Bit 5 – Don’t Care
• Bit 4 – Remote Wake-up Enabled/Disabled
- 0 – Remote Wake-up Disabled
- 1 – Remote Wake-up Enabled
• Bit 3 – Dedicated Function – Interrupt Pin mode
• Bit 2 – Dedicated Function – Interrupt Pin mode
• Bit 1 – Dedicated Function – Interrupt Pin mode
- b111 – Reserved
- b110 – Reserved
- b101 – Reserved
- b100 – Count High Pulses
- b011 – Count Low Pulses
- b010 – Count Rising Edges
- b001 – Count Falling Edges
- b000 – No Interrupt Counting
• Bit 0 – SPI Bus Release Enable
- 0 = SPI Bus is Released Between Transfer
- 1 = SPI Bus is Not Released by the MCP2210 between transfers
18
NVRAM Chip Parameters Access Control
• 0x00 – Chip settings not protected
• 0x40 – Chip settings protected by password access
• 0x80 – Chip settings permanently locked
19
New Password Character 0 (Note 1)
20
New Password Character 1 (Note 1)
21
New Password Character 2 (Note 1)
22
New Password Character 3 (Note 1)
23
New Password Character 4 (Note 1)
24
New Password Character 5 (Note 1)
25
New Password Character 6 (Note 1)
26
New Password Character 7 (Note 1)
27-63
Reserved (fill with 0x00)
Note 1:
When the password does not need to change, this field must be filled with 0 (it applies to (byte index 19 to 26).
TABLE 3-2:
RESPONSE 1 STRUCTURE
Byte
Index
Meaning
00x60 – Set Chip NVRAM Parameters – echos back the given command code
10xFB – Blocked Access – The provided password is not matching the one stored in the chip, or the
settings are permanently locked.
2-63
Don’t Care
TABLE 3-1:
COMMAND STRUCTURE (CONTINUED)
Byte Index
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com