Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2210 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2210 Datasheet HTML 1Page - Microchip Technology MCP2210 Datasheet HTML 2Page - Microchip Technology MCP2210 Datasheet HTML 3Page - Microchip Technology MCP2210 Datasheet HTML 4Page - Microchip Technology MCP2210 Datasheet HTML 5Page - Microchip Technology MCP2210 Datasheet HTML 6Page - Microchip Technology MCP2210 Datasheet HTML 7Page - Microchip Technology MCP2210 Datasheet HTML 8Page - Microchip Technology MCP2210 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 1
MCP2210
Features:
Universal Serial Bus (USB)
• Supports Full-Speed USB (12 Mb/s)
• Human Interface Device (HID) device
• 128-Byte Buffer to Handle Data Throughput:
- 64-byte transmit
- 64-byte receive
• Fully Configurable VID, PID Assignments and
String Descriptor (factory programming also avail-
able)
• Bus Powered (factory default) or Self-Powered
(can be selected through special USB
commands)
• USB 2.0 Compliant
USB Driver and Software Support
• Uses Standard HID Drivers (built-in support on
Windows® XP, Vista, 7, Linux and Mac OS®)
• Configuration Utility for Device’s Power-up
Configuration
• Utility for USB-SPI Communication, GPIO
Manipulation and Miscellaneous Features Usage
SPI Master Peripheral
• Supports all Four SPI modes (Mode 0, 1, 2, 3)
• Bit Rates from 1500 bps up to 12 Mbps
• Configurable Delays for SPI Transactions:
- Chip Select (assert) to 1st byte of data delay
- Data to data delay
- Data to Chip Select (de-assert) delay
• SPI Transactions Lengths of up to 65535 Bytes
Long
• Up to 9 Chip Select lines – to be used in any
combination for a given SPI transaction (the Chip
Select lines are shared between GPIOs and
alternate function pins; certain GPs – up to 9 of
them – can be assigned with the Chip Select
functionality)
General Purpose Input/Output (GPIO) Pins
• Nine General Purpose I/O Pins
EEPROM
• 256 Bytes of User EEPROM (accessible through
certain USB commands)
Package Types:
The device will be offered in the following packages:
• 20-lead QFN (5 x 5 mm)
• 20-lead SOIC
• 20-lead SSOP
Other
• USB Activity LED Output
• SSPND Output Pin (to signal USB Suspend state)
• USBCFG Output Pin (indicates when the
enumeration is completed)
• Operating Voltage: 3.3-5.5V
• Oscillator Input: 12 MHz
• Industrial Operating Temperature: -40°C to +85°C
2
MCP2210
SOIC, SSOP
OSC2
OSC1
RST
1
2
3
4
20
19
18
17
VDD
VSS
D+
D-
VUSB
GP0 5
16 GP8
GP1 6
15
GP2 7
14 GP6
GP7
MCP2210
5x5 QFN*
GP1
GP2
RST
D-
VUSB
GP8
GP7
GP0
EP
20
1
19 18 17
3
4
15
14
13
12
678
9
21
13
12
11
MISO
GP5
SCK
GP3 8
MOSI 9
GP4 10
16
GP3
GP6
5
11
10
* Includes Exposed Thermal Pad (EP); see Table 1-1.
USB-to-SPI Protocol Converter with GPIO (Master Mode)


Similar Part No. - MCP2210

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2210-I/SS MICROCHIP-MCP2210-I/SS Datasheet
387Kb / 26P
Breakout Module
2012
MCP2210 MICROCHIP-MCP2210_12 Datasheet
387Kb / 26P
Breakout Module
2012
More results

Similar Description - MCP2210

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2200 MICROCHIP-MCP2200 Datasheet
504Kb / 34P
USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2200 MICROCHIP-MCP2200_11 Datasheet
521Kb / 44P
USB 2.0 to UART Protocol Converter with GPIO
2011
MCP2200 MICROCHIP-MCP2200_13 Datasheet
521Kb / 44P
USB 2.0 to UART Protocol Converter with GPIO
08/04/10
EVB-LAN9252 MICROCHIP-EVB-LAN9252 Datasheet
2Mb / 55P
EVB-LAN9252-HBI-SPI-SQI-GPIO EtherCAT짰 HBI/SPIGPIO
01/27/15
MCP2221A MICROCHIP-MCP2221A Datasheet
1Mb / 80P
USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
MCP2221 MICROCHIP-MCP2221 Datasheet
1Mb / 80P
USB 2.0 to I2C??UART Protocol Converter with GPIO
01/27/15
MCP2200 MICROCHIP-MCP2200_15 Datasheet
649Kb / 44P
USB 2.0 to UART Protocol Converter with GPIO
07/14/15
logo
TRINAMIC Motion Control...
TMC4331A TRINAMIC-TMC4331A Datasheet
4Mb / 178P
SPI Interfaces for 關C with easy-to-use protocol.
logo
PHOENIX CONTACT
2746391 PHOENIX-2746391 Datasheet
53Kb / 3P
Master protocol chip - IBS UART
logo
Kinetic Technologies.
MCDP5200 KINETIC-MCDP5200 Datasheet
269Kb / 6P
USB Type-C / DP1.4a Alt-Mode to HDMI2.0b Protocol Converter With USB Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com