Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6472 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6472
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6472 Datasheet HTML 9Page - STMicroelectronics L6472 Datasheet HTML 10Page - STMicroelectronics L6472 Datasheet HTML 11Page - STMicroelectronics L6472 Datasheet HTML 12Page - STMicroelectronics L6472 Datasheet HTML 13Page - STMicroelectronics L6472 Datasheet HTML 14Page - STMicroelectronics L6472 Datasheet HTML 15Page - STMicroelectronics L6472 Datasheet HTML 16Page - STMicroelectronics L6472 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
L6472
Electrical characteristics
Doc ID 022729 Rev 1
13/69
trrLS
Low-side diode reverse
recovery time
Iout = 1A
100
ns
Logic inputs and outputs
V
IL
Low logic level input voltage
0.8
V
VIH
High logic level input voltage
2
V
IIH
High logic level input current
(4)
V
IN = 5V
1
µA
IIL
Low logic level input current
(5)
VIN = 0V
-1
µA
VOL
Low logic level output voltage
(6)
VDD = 3.3V, IOL = 4mA
0.3
V
VDD = 5V, IOL = 4mA
0.3
VOH
High logic level output voltage
VDD = 3.3V, IOH = 4mA
2.4
V
VDD = 5V, IOH = 4mA
4.7
RPU
RPD
CS pull-up and STBY pull-
down resistors
CS = GND;
STBY/RST = 5V
335
430
565
k
Ilogic
Internal logic supply current
3.3V VREG externally
supplied, internal oscillator
3.7
4.3
mA
Ilogic,STBY
Standby mode internal logic
supply current
3.3V VREG externally supplied
2
2.5
µA
fSTCK
Step-clock input frequency
2
MHz
Internal oscillator and external oscillator driver
fosc,i
Internal oscillator frequency
T
j = 25°C, V
REG = 3.3V
-3%
16
+3%
MHz
fosc,e
Programmable external
oscillator frequency
8
32
MHz
VOSCOUT
H
OSCOUT clock source high
level voltage
Internal oscillator 3.3V VREG
externally supplied; IOSCOUT
= 4mA
2.4
V
VOSCOUTL
OSCOUT clock source low
level voltage
Internal oscillator 3.3V VREG
externally supplied; IOSCOUT
= 4mA
0.3
V
trOSCOUT
tfOSCOUT
OSCOUT clock source rise
and fall time
Internal oscillator
20
ns
textosc
Internal to external oscillator
switching delay
3
ms
tintosc
External to internal oscillator
switching delay
1.5
µs
SPI
fCK,MAX
Maximum SPI clock
frequency (7)
5
MHz
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com