Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39150PT-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39150PT-R
Description  Ultra low drop BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150PT-R Datasheet(HTML) 1 Page - STMicroelectronics

  LD39150PT-R Datasheet HTML 1Page - STMicroelectronics LD39150PT-R Datasheet HTML 2Page - STMicroelectronics LD39150PT-R Datasheet HTML 3Page - STMicroelectronics LD39150PT-R Datasheet HTML 4Page - STMicroelectronics LD39150PT-R Datasheet HTML 5Page - STMicroelectronics LD39150PT-R Datasheet HTML 6Page - STMicroelectronics LD39150PT-R Datasheet HTML 7Page - STMicroelectronics LD39150PT-R Datasheet HTML 8Page - STMicroelectronics LD39150PT-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2009
Rev 2
1/19
19
LD39150xx
Ultra low drop BiCMOS voltage regulator
Features
■ 1.5 A guaranteed output current
■ Ultra low dropout voltage (200 mV typ. @ 1.5 A
load, 40 mV typ. @ 300 mA load)
■ Very low quiescent current (1 mA typ. @ 1.5 A
load, 1 µA max @ 25 °C in off mode)
■ Logic-controlled electronic shutdown
■ Current and thermal internal limit
■
± 1.5 % output voltage tolerance @ 25 °C
■ Fixed and ADJ output voltages: 1.22 V, 1.8 V,
2.5 V, 3.3 V, ADJ. (see Table 1)
■ Temperature range: -40 to 125 °C
■ Fast dynamic response to line and load
changes
■ Stable with ceramic capacitor (see Section 7.1,
Section 7.2 and Section 7.3)
■ Available in PPAK, DPAK and DFN6 (3x3 mm)
Typical application
■ Microprocessor power supply
■ DSPs power supply
■ Post regulators for switching suppliers
■ High efficiency linear regulator
Description
The LD39150xx is a fast ultra low drop linear
regulator which operates from 2.5 V to 6 V input
supply.
A wide range of output options are available. The
low drop voltage, low noise, and ultra low
quiescent current make it suitable for low voltage
microprocessor and memory applications. The
device is developed on a BiCMOS process which
allows low quiescent current operation
independently of output load current.
DFN6 (3x3 mm)
PPAK
DPAK
Table 1.
Device summary
Part numbers
Order codes
Output voltages
DPAK (T&R)
PPAK (T&R)
DFN (1)
LD39150XX12
LD39150DT12-R
LD39150PU12R
1.22 V
LD39150XX18
LD39150DT18-R
LD39150PT18-R
LD39150PU18R
1.8 V
LD39150XX25
LD39150DT25-R
LD39150PT25-R
LD39150PU25R
2.5 V
LD39150XX33
LD39150DT33-R
LD39150PT33-R
LD39150PU33R
3.3 V
LD39150XX
LD39150PT-R
LD39150PU-R
ADJ from 1.22 to 5.0 V
1.
Available on request.
www.st.com


Similar Part No. - LD39150PT-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39150PT-R STMICROELECTRONICS-LD39150PT-R Datasheet
459Kb / 19P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
More results

Similar Description - LD39150PT-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
logo
STMicroelectronics
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
03-Jan-2011
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
LD39300 STMICROELECTRONICS-LD39300 Datasheet
359Kb / 17P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
logo
Shenzhen Huazhimei Semi...
HM6237 HMSEMI-HM6237 Datasheet
701Kb / 9P
Ultra low power low drop voltage small current voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com