Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ50C-R Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLQ50C-R
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50C-R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLQ50C-R Datasheet HTML 5Page - STMicroelectronics STLQ50C-R Datasheet HTML 6Page - STMicroelectronics STLQ50C-R Datasheet HTML 7Page - STMicroelectronics STLQ50C-R Datasheet HTML 8Page - STMicroelectronics STLQ50C-R Datasheet HTML 9Page - STMicroelectronics STLQ50C-R Datasheet HTML 10Page - STMicroelectronics STLQ50C-R Datasheet HTML 11Page - STMicroelectronics STLQ50C-R Datasheet HTML 12Page - STMicroelectronics STLQ50C-R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STLQ50XX
Typical characteristics
9/18
Figure 11.
S.V.R. vs Freq.
Figure 12.
S.V.R. vs IO
Figure 13.
Line transient response
Figure 14.
Load transient response
IO=50mA; CO=10µF; VI=2.8V, VI rise/fall=5ms
CO=1µF; VO=1.8V; VI=2.8V, Curr. rise/fall=1µs
Figure 15.
Short circuit current
Figure 16.
Thermal protection
V
O=1.8V, IO=20mA
2
7
12
17
22
27
32
37
100
1000
10000
100000
Frequency [Hz]
V
O=1.8V, IO=20mA
2
7
12
17
22
27
32
37
100
1000
10000
100000
Frequency [Hz]
V
O=1.8V, f=120Hz
20
22
24
26
28
30
32
34
36
38
40
0
10
2030
4050
I
O [mA]
V
O=1.8V, f=120Hz
20
22
24
26
28
30
32
34
36
38
40
0
10
2030
4050
I
O [mA]
V
O=0, TA=25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
2
4
6
8
10
12
14
V
I [V]
V
O=0, TA=25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
2
4
6
8
10
12
14
V
O=0, TA=25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
2
4
6
8
10
12
14
V
I [V]
V
I=2.8V
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
155
157 159
161 163
165 167
169
171 173
175
T
J[°C]
V
I=2.8V
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
155
157 159
161 163
165 167
169
171 173
175
T
J[°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com