Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ50C-R Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLQ50C-R
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50C-R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLQ50C-R Datasheet HTML 8Page - STMicroelectronics STLQ50C-R Datasheet HTML 9Page - STMicroelectronics STLQ50C-R Datasheet HTML 10Page - STMicroelectronics STLQ50C-R Datasheet HTML 11Page - STMicroelectronics STLQ50C-R Datasheet HTML 12Page - STMicroelectronics STLQ50C-R Datasheet HTML 13Page - STMicroelectronics STLQ50C-R Datasheet HTML 14Page - STMicroelectronics STLQ50C-R Datasheet HTML 15Page - STMicroelectronics STLQ50C-R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Package mechanical data
STLQ50XX
12/18
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com