Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ50C-R Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLQ50C-R
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50C-R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLQ50C-R Datasheet HTML 7Page - STMicroelectronics STLQ50C-R Datasheet HTML 8Page - STMicroelectronics STLQ50C-R Datasheet HTML 9Page - STMicroelectronics STLQ50C-R Datasheet HTML 10Page - STMicroelectronics STLQ50C-R Datasheet HTML 11Page - STMicroelectronics STLQ50C-R Datasheet HTML 12Page - STMicroelectronics STLQ50C-R Datasheet HTML 13Page - STMicroelectronics STLQ50C-R Datasheet HTML 14Page - STMicroelectronics STLQ50C-R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
STLQ50XX
Application information
11/18
7.3
Protection
The P-MOS pass element has an internal diode with anode connected to VO and cathode to
VI. In case VO > VI the current will flow from output to the input without any limitation. In this
case proper limiting network is recommended.
The current limitation is automatically provided by the characteristics of the PMOS pass
element (see typical characteristics), so the short circuit current is dependent on the input
voltage. When considering the short circuit current take care, in any case, to not exceed the
maximum power dissipation sustainable by the device.
The STLQ50 features an internal thermal protection that linearly reduces the output current
when the internal temperature increases, consequently, at a given load, also the output
voltage decreases. The action of the thermal protection starts at 125 °C when the output
voltage slightly decreases, while close to 163 °C the output voltage drops to 0 V. Since this
is a linear control, sudden over current conditions can quickly rise the chip temperature
without time for the thermal protection to act, so it cannot be used as a limitation for the
output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com