Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2953IN Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2953IN
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953IN Datasheet(HTML) 4 Page - Texas Instruments

  LP2953IN Datasheet HTML 1Page - Texas Instruments LP2953IN Datasheet HTML 2Page - Texas Instruments LP2953IN Datasheet HTML 3Page - Texas Instruments LP2953IN Datasheet HTML 4Page - Texas Instruments LP2953IN Datasheet HTML 5Page - Texas Instruments LP2953IN Datasheet HTML 6Page - Texas Instruments LP2953IN Datasheet HTML 7Page - Texas Instruments LP2953IN Datasheet HTML 8Page - Texas Instruments LP2953IN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C
≤ T
A
≤
+150˚C
Operating Temperature Range
LP2952I, LP2953I, LP2952AI,
LP2953AI, LP2952I-3.3,
LP2953I-3.3, LP2952AI-3.3,
LP2953AI-3.3
−40˚C
≤ T
J
≤ +125˚C
LP2953AM
−55˚C
≤ T
A
≤
+125˚C
Lead Temp. (Soldering, 5 seconds)
260˚C
Power Dissipation (Note 2)
Internally Limited
Maximum Junction Temperature
LP2952I, LP2953I, LP2952AI,
LP2953AI, LP2952I-3.3,
LP2953I-3.3, LP2952AI-3.3,
LP2953AI-3.3
+125˚C
LP2953AM
+150˚C
Input Supply Voltage
−20V to +30V
Feedback Input Voltage (Note 3)
−0.3V to +5V
Comparator Input Voltage (Note 4)
−0.3V to +30V
Shutdown Input Voltage (Note 4)
−0.3V to +30V
Comparator Output Voltage (Note
4)
−0.3V to +30V
ESD Rating (Note 15)
2 kV
Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, bold typeface applies over the full
operating temperature range. Limits are guaranteed by production testing or correlation techniques using standard Statistical
Quality Control (SQC) methods. Unless otherwise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, CL = 2.2 µF for 5V parts and
4.7µF for 3.3V parts. Feedback pin is tied to V Tap pin, Output pin is tied to Output Sense pin.
3.3V Versions
Symbol
Parameter
Conditions
Typical
LP2952AI-3.3, LP2953AI-3.3
LP2952I-3.3, LP2953I-3.3
Units
Min
Max
Min
Max
V
O
Output Voltage
3.3
3.284
3.317
3.267
3.333
V
3.260
3.340
3.234
3.366
1mA
≤ I
L
≤ 250 mA
3.3
3.254
3.346
3.221
3.379
5V Versions
Symbol
Parameter
Conditions
Typical
LP2952AI, LP2953AI,
LP2952I, LP2953I
Units
LP2953AM (Note 17)
Min
Max
Min
Max
V
O
Output Voltage
5.0
4.975
5.025
4.950
5.050
V
4.940
5.060
4.900
5.100
1mA
≤ I
L
≤ 250 mA
5.0
4.930
5.070
4.880
5.120
All Voltage Options
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, bold typeface applies over the full operating temperature range. Limits are guar-
anteed by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless other-
wise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, CL = 2.2 µF for 5V parts and 4.7µF for 3.3V parts. Feedback pin is tied to V
Tap pin, Output pin is tied to Output Sense pin.
Symbol
Parameter
Conditions
Typical LP2952AI, LP2953AI,
LP2952AI-3.3,
LP2953AI-3.3,
LP2953AM
(Notes 16, 17)
LP2952I, LP2953I,
LP2952I-3.3,
LP2953I-3.3
Units
Min
Max
Min
Max
REGULATOR
Output Voltage Temp.
Coefficient
(Note 5)
20
100
150
ppm/˚C
Output Voltage Line
Regulation
V
IN =VO(NOM) + 1V to 30V
0.03
0.1
0.2
%
0.2
0.4
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com