Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2953IN Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2953IN
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953IN Datasheet(HTML) 5 Page - Texas Instruments

  LP2953IN Datasheet HTML 1Page - Texas Instruments LP2953IN Datasheet HTML 2Page - Texas Instruments LP2953IN Datasheet HTML 3Page - Texas Instruments LP2953IN Datasheet HTML 4Page - Texas Instruments LP2953IN Datasheet HTML 5Page - Texas Instruments LP2953IN Datasheet HTML 6Page - Texas Instruments LP2953IN Datasheet HTML 7Page - Texas Instruments LP2953IN Datasheet HTML 8Page - Texas Instruments LP2953IN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
All Voltage Options (Continued)
Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = 25˚C, bold typeface applies over the full operating temperature range. Limits are guar-
anteed by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless other-
wise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, CL = 2.2 µF for 5V parts and 4.7µF for 3.3V parts. Feedback pin is tied to V
Tap pin, Output pin is tied to Output Sense pin.
Symbol
Parameter
Conditions
Typical LP2952AI, LP2953AI,
LP2952AI-3.3,
LP2953AI-3.3,
LP2953AM
(Notes 16, 17)
LP2952I, LP2953I,
LP2952I-3.3,
LP2953I-3.3
Units
Min
Max
Min
Max
Output Voltage Load
Regulation (Note 6)
I
L = 1 mA to 250 mA
0.04
0.16
0.20
%
I
L = 0.1 mA to 1 mA
0.20
0.30
V
IN–VO
Dropout Voltage
(Note 7)
I
L = 1 mA
60
100
100
mV
150
150
I
L = 50 mA
240
300
300
420
420
I
L = 100 mA
310
400
400
520
520
I
L = 250 mA
470
600
600
800
800
I
GND
Ground Pin Current
(Note 8)
I
L = 1 mA
130
170
170
µA
200
200
I
L = 50 mA
1.1
2
2
mA
2.5
2.5
I
L = 100 mA
4.5
6
6
88
I
L = 250 mA
21
28
28
33
33
I
GND
Ground Pin Current at
Dropout
V
IN =VO(NOM) −0.5V
165
210
210
µA
I
L = 100 µA
240
240
I
GND
Ground Pin Current at
Shutdown (Note 8)
V
SHUTDOWN
≤ 1.1V
105
140
140
µA
I
LIMIT
Current Limit
V
OUT = 0
380
500
500
mA
530
530
Thermal Regulation
(Note 10)
0.05
0.2
0.2
%/W
e
n
Output Noise Voltage
(10 Hz to 100 kHz)
I
L = 100 mA
C
L = 4.7 µF
400
µV
RMS
C
L =33µF
260
C
L = 33 µF (Note 11)
80
V
REF
Reference Voltage
(Note 12)
1.230
1.215
1.245
1.205
1.255
V
1.205
1.255
1.190
1.270
Reference Voltage Line
Regulation
V
IN = 2.5V to VO(NOM) + 1V
0.03
0.1
0.2
%
V
IN =VO(NOM) + 1V to 30V
(Note 13)
0.2
0.4
Reference Voltage Load
Regulation
I
REF = 0 to 200 µA
0.25
0.4
0.8
%
0.6
1.0
Reference Voltage
Temp. Coefficient
(Note 5)
20
ppm/˚C
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com