Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2953IN Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2953IN
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953IN Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2953IN Datasheet HTML 6Page - Texas Instruments LP2953IN Datasheet HTML 7Page - Texas Instruments LP2953IN Datasheet HTML 8Page - Texas Instruments LP2953IN Datasheet HTML 9Page - Texas Instruments LP2953IN Datasheet HTML 10Page - Texas Instruments LP2953IN Datasheet HTML 11Page - Texas Instruments LP2953IN Datasheet HTML 12Page - Texas Instruments LP2953IN Datasheet HTML 13Page - Texas Instruments LP2953IN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 6V, IL = 1 mA, CL = 2.2 µF,
VSD = 3V, TA = 25˚C, VOUT = 5V. (Continued)
Load Transient Response
Load Transient Response
01112739
01112740
Dropout Characteristics
Enable Transient
01112741
01112742
Enable Transient
Short-Circuit Output Current
and Maximum Output Current
01112743
01112744
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com