Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2108 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL2108
Description  GreenChip controller for LED lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2108 Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL2108 Datasheet HTML 1Page - NXP Semiconductors SSL2108 Datasheet HTML 2Page - NXP Semiconductors SSL2108 Datasheet HTML 3Page - NXP Semiconductors SSL2108 Datasheet HTML 4Page - NXP Semiconductors SSL2108 Datasheet HTML 5Page - NXP Semiconductors SSL2108 Datasheet HTML 6Page - NXP Semiconductors SSL2108 Datasheet HTML 7Page - NXP Semiconductors SSL2108 Datasheet HTML 8Page - NXP Semiconductors SSL2108 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SSL2109_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2012
5 of 20
NXP Semiconductors
SSL2109 series
GreenChip controller for LED lighting
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 3.
Pin configuration
SSL2109
HV
DRAIN
VCC
GND
NTC
DVDT
SOURCE
DRIVER
aaa-001742
1
2
3
4
6
5
8
7
Table 3.
Pin description
Symbol
Pin
Description
HV
1
high-voltage supply pin
VCC
2
supply voltage
NTC
3
temperature protection input
SOURCE
4
low-side external switch
DRIVER
5
driver output
DVDT
6
AC supply pin
GND
7
ground
DRAIN
8
high-side external switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com