Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2108 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL2108
Description  GreenChip controller for LED lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2108 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL2108 Datasheet HTML 5Page - NXP Semiconductors SSL2108 Datasheet HTML 6Page - NXP Semiconductors SSL2108 Datasheet HTML 7Page - NXP Semiconductors SSL2108 Datasheet HTML 8Page - NXP Semiconductors SSL2108 Datasheet HTML 9Page - NXP Semiconductors SSL2108 Datasheet HTML 10Page - NXP Semiconductors SSL2108 Datasheet HTML 11Page - NXP Semiconductors SSL2108 Datasheet HTML 12Page - NXP Semiconductors SSL2108 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SSL2109_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2012
9 of 20
NXP Semiconductors
SSL2109 series
GreenChip controller for LED lighting
The rate of current rise in the coil during the on-phase is proportional to the difference
between input voltage and output voltage. Therefore, the peak current cannot be reached
before ton(high) and as a result the average output current to the LEDs is reduced.
8.6.6 Short-Winding Protection (SWP); SSL2109T only
SWP activates if there is a steep rising current through the MOSFET and thus the external
resistor connected to the SOURCE pin. This current can occur when there is a short from
the freewheel diode. Additionally, it occurs due to a small/shorted inductor between the
input voltage and the DRAIN pin. If the voltage on the SOURCE pin is greater than 1.5 V,
latched protection is triggered following LEB time tleb. In addition, if VCC drops lower than
VCC(rst) the IC resets the latched protection mode.
8.6.7 Output Short Protection (OSP)
During the second stroke (switch-off time), if a valley is not detected within the off-time
limit (toff(high)), then typically the output voltage is less than the minimum limit allowed in
the application. This condition can occur either during starting up or due to a short. A timer
is started when toff(high) is detected, and is stopped only if a valid valley-detection occurs in
one of the subsequent cycles. If no valley is detected for tdet(sc), it is concluded that a real
short-circuit exists and not start-up. The IC enters latched protection. If VCC drops lower
than VCC(rst), the IC resets the latched protection mode. During PWM dimming, the OSP
timer is paused during the off-cycle.
8.7 VCC supply
The SSL2109 series can be supplied using three methods:
Under normal operation, the voltage swing on the DVDT pin is rectified within the IC
providing current towards the VCC pin
At start-up, there is an internal current source connected to the HV pin. The current
source provides internal power until either the dV/dt supply or an external current on
the VCC pin provides the supply
An external voltage source can be connected to the VCC pin
The IC starts up when the voltage at the VCC pin is higher than VCC(startup). The IC locks
out (stops switching) when the voltage at the VCC pin is lower than VCC(stop). The
hysteresis between the start and stop levels allows the IC to be supplied by a buffer
capacitor until the dV/dt supply is settled. The SSL2109 series has an internal VCC clamp,
which is an internal active Zener (or shunt regulator). This internal active Zener limits the
voltage on the supply VCC pin to the maximum value of VCC. If the maximum current of
the dV/dt supply minus the current consumption of the IC (determined by the load on the
gate drivers), is lower than the maximum value of IDD no external Zener diode is needed in
the dV/dt supply circuit.
8.8 DVDT supply
The DVDT pin is connected to an internal single-sided rectification stage. When an
alternating voltage with sufficient amplitude is supplied to the pin, the IC can be powered
without any other external power connection. This solution provides an effective method
to prevent the additional high-power losses, which would result if a regulator were used for
continuously powering the IC. Unlike an auxiliary supply, additional inductor windings are
not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com