Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2108 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL2108
Description  GreenChip controller for LED lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2108 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL2108 Datasheet HTML 9Page - NXP Semiconductors SSL2108 Datasheet HTML 10Page - NXP Semiconductors SSL2108 Datasheet HTML 11Page - NXP Semiconductors SSL2108 Datasheet HTML 12Page - NXP Semiconductors SSL2108 Datasheet HTML 13Page - NXP Semiconductors SSL2108 Datasheet HTML 14Page - NXP Semiconductors SSL2108 Datasheet HTML 15Page - NXP Semiconductors SSL2108 Datasheet HTML 16Page - NXP Semiconductors SSL2108 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SSL2109_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2012
13 of 20
NXP Semiconductors
SSL2109 series
GreenChip controller for LED lighting
[1]
The maximum operating voltage at VCC can exceed 14 V when determined by the IC using the dV/dt supply.
[2]
This parameter is not tested during production, by design it is guaranteed
Δtleb
leading edge blanking time
difference
between tleb for overcurrent
protection and short-winding
protection
30
50
-
ns
Vth(swp)SOURCE
short-winding protection threshold
voltage on pin SOURCE
SSL2109T only
1.4
1.5
1.6
V
Valley detection
(
ΔV/Δt)vrec
valley recognition voltage change
with time
on pin DRAIN
−30
−20
−10
V/
μs
fring
ringing frequency
[2] 200
550
1000
kHz
ΔVvrec(min)
minimum valley recognition
voltage difference
voltage drop on pin DRAIN
15
20
25
V
td(vrec-swon)
valley recognition to switch-on
delay time
-
100
-
ns
Brownout detection
ton(high)
high on-time
12.5
15
17.5
μs
Driver (pin DRIVER)
Isource(DRIVER)
source current on pin DRIVER
1.5 ms maximum; VDRIVER = 2 V
-
−0.195 -
A
Isink(DRIVER)
sink current on pin DRIVER
20
μs maximum; VDRIVER = 2 V
-
0.28
-
A
20
μs maximum; VDRIVER = 10 V
-
0.46
-
A
Vo(DRIVER)max
maximum output voltage on pin
DRIVER
VCC > VCC(startup)
9
10.5
12
V
Vo(DRIVER)min
minimum output voltage on pin
DRIVER
VCC = VCC(stop)
6.5
7.5
8.5
V
NTC functionality
Vth(high)NTC
high threshold voltage on pin NTC
0.47
0.5
0.53
V
Vth(low)NTC
low threshold voltage on pin NTC
0.325
0.35
0.375 V
Vact(tmr)NTC
timer activation voltage on pin NTC
0.26
0.3
0.325 V
Vdeact(tmr)NTC
timer deactivation voltage on pin
NTC
0.17
0.2
0.23
V
tto(deact)NTC
deactivation time-out time on pin
NTC
33
46
59
μs
Ioffset(NTC)
offset current on pin NTC
-
−47
-
μA
OSP
tdet(sc)
short-circuit detection time
16
20
24
ms
toff(high)
high off-time
30
36
42
μs
Temperature protection
Tth(act)otp
overtemperature protection
activation threshold temperature
160
170
180
°C
Tth(rel)otp
overtemperature protection
release threshold temperature
90
100
110
°C
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com