Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT49 Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BAT49
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BAT49 Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  BAT49 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BAT49 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BAT49 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
BAT 49
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
SMALL SIGNAL SCHOTTKY DIODE
Figure 5. Capacitance C versus reverse
applied voltage VR (typical values).
Figure 6. Surge non repetitive forward current
for a rectangular pulse with t
≤ 10 ms.
Figure 7. Surge non repetitive forward current
versus number of cycles.
80V
3.0A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com