Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT49 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BAT49
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BAT49 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BAT49 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BAT49 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BAT49 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Figure 1. Forward current versus forward
voltage at low level (typical values).
Figure 2. Forward current versus forward
voltage at high level (typical values).
Figure 3. Reverse current versus junction
temperature.
Figure 4. Reverse current versus VRRM in per
cent.
BAT 49
SMALL SIGNAL SCHOTTKY DIODE
80V
3.0A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com