Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT49 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BAT49
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BAT49 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BAT49 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BAT49 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BAT49 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
80V
3.0A
1 of 3
DESCRIPTION
BAT 49
FEATURES
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SMALL SIGNAL SCHOTTKY DIODE
Small foot print, surface mountable
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
General purpose metal to silicon diode featuring
very low turn-on voltage and fast switching.
This device has integrated protection against ex-
cessive voltage such as electrostatic discharges.
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
80
V
IF
Forward Continuous Current*
Ta = 70
°C
500
mA
IFRM
Repetitive Peak Forward Current*
tp = 1s
δ ≤ 0.5
3A
IFSM
Surge non Repetitive Forward Current*
tp
≤ 10ms
10
A
Tstg
Tj
Storage and Junction Temperature Range
- 65 to 150
- 65 to 125
°C
°C
TL
Maximum Lead Temperature for Soldering during 10s at 4mm
from Case
230
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Test Conditions
Value
Unit
Rth(j-a)
Junction-ambient*
110
°C/W
THERMAL RESISTANCE
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IR * *
Tj = 25
°CVR = 80V
200
µA
VF * *
Tj = 25
°CIF = 10mA
0.32
V
Tj = 25
°CIF = 100mA
0.42
Tj = 25
°CIF = 1A
1
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
C
Tj = 25
°C
f = 1MHz
VR = 0V
120
pF
VR = 5V
35
DYNAMIC CHARACTERISTICS


Similar Part No. - BAT49

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT49 STMICROELECTRONICS-BAT49 Datasheet
72Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
SUNMATE electronic Co.,...
BAT49 SUNMATE-BAT49 Datasheet
213Kb / 3P
500mA Axial Leaded Small Signal Schottky Diode
More results

Similar Description - BAT49

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com