Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1MF Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GS1MF
Description  SURFACE MOUNT RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1MF Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GS1MF Datasheet HTML 1Page - Pan Jit International Inc. GS1MF Datasheet HTML 2Page - Pan Jit International Inc. GS1MF Datasheet HTML 3Page - Pan Jit International Inc. GS1MF Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
January 30,2012-REV.00
RATING A ND CHARACTERISTIC CURVES
0.01
0.1
1
10
0
0.5
1
1.5
VF, Forward Voltage (V)
TJ=25°C
TJ=75°C
TJ=150°C
TJ=125°C
1
10
100
0.1
1
10
100
VR, Reverse Bias Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TL , Lead Temperature (°C)
0
0
1
10
100
20
40
60
80
100
TJ=25°C
TJ=150°C
TJ=125°C
TJ=75°C
Percent of Rated Peak Reverse Voltage (%)
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
GS1GF SERIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com