Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1MF Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # GS1MF
Description  SURFACE MOUNT RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1MF Datasheet(HTML) 4 Page - Pan Jit International Inc.

  GS1MF Datasheet HTML 1Page - Pan Jit International Inc. GS1MF Datasheet HTML 2Page - Pan Jit International Inc. GS1MF Datasheet HTML 3Page - Pan Jit International Inc. GS1MF Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
Part No_packing code_Version
For example :
RB500V-40_R2_
Serial number
Part No.
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing
type
1st Code
Packing size
code
2nd Code HF or RoHS 1st Code 2nd~5th Code
T/B
A
N/A
0
HF
0
serial number
T/R
R
7"
1
RoHS
1
serial number
B/P
B
13"
2
T/P
T
26mm
X
TRR
S
52mm
Y
TRL
L
PBCU
U
FORMING
F
PBCD
D
Packing Code XX
Version Code XXXXX
GS1GF SERIES
January 30,2012-REV.00
00001



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com