Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1MF Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # GS1MF
Description  SURFACE MOUNT RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1MF Datasheet(HTML) 3 Page - Pan Jit International Inc.

  GS1MF Datasheet HTML 1Page - Pan Jit International Inc. GS1MF Datasheet HTML 2Page - Pan Jit International Inc. GS1MF Datasheet HTML 3Page - Pan Jit International Inc. GS1MF Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
MOUNTING PAD LAYOUT
• Packing information
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 20
12
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
T/R - 10K per 13" plastic Reel
SMAF
Unit:inch(mm)
0.232
(5.9)
0.106
(2.7)
0.063
(1.6)
January 30,2012-REV.00
GS1GF SERIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com