Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS50N03 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS50N03
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS50N03 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS50N03 Datasheet HTML 1Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 2Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 3Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 4Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 5Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
March 19,2012-REV.00
PJS50N03
FEATURES
• R
DS(ON), VGS@10V,ID@3.1A< 57 mΩ
• R
DS(ON), VGS@4.5V,ID@2.8A< 94 mΩ
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Specially Designed for DC/DC Converters
• Low Gate Charge
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-23 6L Package
• Terminals : Solderable per MIL-STD-750,Method 2026
• Apporx. Weight : 0.0003 ounces, 0.0084grams
• Marking : N03
30V N-CHANNEL ENHANCEMENT MODE MOSFET
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS (T
A=25
OC unless otherwise noted )
NOTES:
1. Mounted on 7.5cm
2
FR-4 PCB .
PARAM E T E R
S YM BOL
L IMIT
UN IT S
D r a i n- S o urc e Vo lta g e
V
DS
30
V
Ga te - S our c e Vo ltage
V
GS
+ 20
V
C o nti nuo us D rai n C urre nt
S teady-S ta te
T
A =2 5
OCI
D
2.9
A
P uls ed D rai n C urr ent
I
DM
16
A
P o we r D i s s i pati o n (N o tes 1)
S teady-S ta te
T
A =2 5
OCP
D
0.7
W
Typi cal Ther ma l Re s i s tanc e (Notes 1 )
R
θJA
176
OC/W
Operati ng Junc ti on and S torage Te m perature Ra ng e
T
J,T STG
-55 to + 1 5 0
OC
VOLTAGE
30 Volts
2.9 Amperes
CURRENT


Similar Part No. - PJS50N03

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
microSD Card Adapter (microSD-to-miniSD)
PJS008-2000-0 YAMAICHI-PJS008-2000-0 Datasheet
211Kb / 1P
microSD??Card Connector
PJS008-2000-1 YAMAICHI-PJS008-2000-1 Datasheet
211Kb / 1P
microSD??Card Connector
PJS008-2100-0 YAMAICHI-PJS008-2100-0 Datasheet
118Kb / 1P
microSD Card Reader - Push / Push (Top Mount)
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
microSD card connector
More results

Similar Description - PJS50N03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com