Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS50N03 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJS50N03
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS50N03 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJS50N03 Datasheet HTML 1Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 2Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 3Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 4Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 5Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
sistsnce vs. Drain current
Fig.5 On-Resistsnce vs. Drain current
ID=3.1A
0
100
200
300
400
500
02
46
8
10
VGS, Gate-Source Voltage(V)
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
ID, Drain Current(A)
VGS=10V
VGS=4.5V
0
2
4
6
8
10
12
14
16
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VGS, Gate-Source Voltage(V)
TA=25℃
TA=125℃
Fig.3 Drain Current VS Gate-Source Voltage
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
VDS, Drain-Source Voltage(V)
Ciss(pf)
Coss(pf)
Crss(pf)
VGS=0V
f=1MHZ
0
4
8
12
16
01
23
45
VDS, Drain-Source Voltage(V)
VGS=10V
VGS=5V
VGS=4V
Fig.2 Drain-Source Current VS Drain-Source Voltage
Fig.4 On-Resistance VS Drain Current
Fig.5 On-Resistance VS Gate-Source voltge
20
25
30
35
40
45
25
50
75
100
125
150
TJ, Junction Temperature (℃)
VGS=10V
ID=3.1A
Fig.6 On-Resistance VS Junction Temperature
Fig.1 Capacitance Variation
RATING A ND CHARACTERISTIC CURVES
VGS=1V,3V
PJS50N03
March 19,2012-REV.00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com